Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX17536 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX17536
Description  3.3V Output-Voltage Application
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17536 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX17536 Datasheet HTML 1Page - Maxim Integrated Products MAX17536 Datasheet HTML 2Page - Maxim Integrated Products MAX17536 Datasheet HTML 3Page - Maxim Integrated Products MAX17536 Datasheet HTML 4Page - Maxim Integrated Products MAX17536 Datasheet HTML 5Page - Maxim Integrated Products MAX17536 Datasheet HTML 6Page - Maxim Integrated Products MAX17536 Datasheet HTML 7Page - Maxim Integrated Products MAX17536 Datasheet HTML 8Page - Maxim Integrated Products MAX17536 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Evaluates: MAX17536
3.3V Output-Voltage Application
MAX17536EVKITA#
Evaluation Kit
19-7690; Rev 2; 4/18
Ordering Information appears at end of data sheet.
General Description
The MAX17536 3.3V output evaluation kit (EV kit) provides
a proven design to evaluate this high-voltage, high-efficiency,
synchronous step-down DC-DC converter. The EV kit is
preset for a 3.3V output at load currents up to 4A and features a
450kHz switching frequency for optimum efficiency and
component size. The EV kit features adjustable input,
undervoltage lockout, adjustable soft-start, open-drain RESET
signal, and external frequency synchronization.
Features
● Operates from a 4.5V to 60V Input Supply
● 3.3V Output Voltage
● Up to 4A Output Current
● 450kHz Switching Frequency
● Enable/UVLO Input, Resistor-Programmable UVLO
Threshold
● Adjustable Soft-Start Time
● MODE Pin to Select Among PWM, PFM, or DCM
Modes
● Open-Drain RESET Output
● External Frequency Synchronization
● Overcurrent and Overtemperature Protection
● Proven PCB Layout
● Fully Assembled and Tested
Quick Start
Recommended Equipment
● MAX17536EVKITA#
● 4.5V to 60V, 10A DC input power supply
● Load capable of sinking 4A
● Digital voltmeter (DVM)
Procedure
The EV kit is fully assembled and tested. Follow the steps
below to verify board operation.
Caution: Do not turn
on power supply until all connections are completed.
1) Set the power supply at a voltage between 4.5V and
60V. Disable the power supply.
2) Connect the positive terminal of the power supply to
the VIN PCB pad and the negative terminal to the
nearest PGND PCB pad. Connect the positive terminal
of the 4A load to the VOUT PCB pad and the negative
terminal to the nearest PGND PCB pad.
3) Connect the DVM across the VOUT PCB pad and
the nearest PGND PCB pad.
4) Verify that shunt is installed across pins 1-2 on jumper
JU1 (see Table 1 for details).
5) Select the shunt position on JU2 based on the
intended mode of operation (see Table 2 for details).
6) Turn on the DC power supply.
7) Enable the load.
8) Verify that the DVM displays 3.3V
Click
here for production status of specific part numbers.


Similar Part No. - MAX17536

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17536 MAXIM-MAX17536 Datasheet
877Kb / 19P
4.5V to 60V, 4A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
Rev 2; 6/18
MAX17536 MAXIM-MAX17536 Datasheet
934Kb / 10P
5V Output-Voltage Application
Rev 2; 4/18
MAX17536ATP MAXIM-MAX17536ATP Datasheet
877Kb / 19P
4.5V to 60V, 4A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
Rev 2; 6/18
MAX17536EVKITB MAXIM-MAX17536EVKITB Datasheet
934Kb / 10P
5V Output-Voltage Application
Rev 2; 4/18
More results

Similar Description - MAX17536

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17505EVKITA MAXIM-MAX17505EVKITA Datasheet
1Mb / 11P
3.3V Output-Voltage Application
Rev 0; 12/13
MAX17504EVKITA MAXIM-MAX17504EVKITA Datasheet
462Kb / 11P
3.3V Output-Voltage Application
Rev 1; 2/14
MAX17503EVKITA MAXIM-MAX17503EVKITA Datasheet
751Kb / 11P
3.3V Output-Voltage Application
Rev 0; 9/13
MAX17574EVKITA MAXIM-MAX17574EVKITA Datasheet
1Mb / 10P
3.3V Output-Voltage Application
Rev 2; 5/18
MAX17546EVKITA MAXIM-MAX17546EVKITA Datasheet
866Kb / 10P
3.3V Output-Voltage Application
Rev 2; 4/18
MAX17545EVKITA MAXIM-MAX17545EVKITA Datasheet
1Mb / 11P
3.3V Output-Voltage Application
Rev 0; 10/14
MAX17544EVKITA MAXIM-MAX17544EVKITA Datasheet
493Kb / 11P
3.3V Output-Voltage Application
Rev 0; 9/14
MAX17543EVKITA MAXIM-MAX17543EVKITA Datasheet
1,014Kb / 11P
3.3V Output-Voltage Application
Rev 0; 9/14
MAX17633AEVKIT MAXIM-MAX17633AEVKIT Datasheet
985Kb / 14P
3.3V Output-Voltage Application
Rev 1; 8/18
MAX17761EVKITA MAXIM-MAX17761EVKITA_V01 Datasheet
813Kb / 8P
3.3V Output-Voltage Application
2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com