Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX17536 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX17536
Description  3.3V Output-Voltage Application
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17536 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX17536 Datasheet HTML 1Page - Maxim Integrated Products MAX17536 Datasheet HTML 2Page - Maxim Integrated Products MAX17536 Datasheet HTML 3Page - Maxim Integrated Products MAX17536 Datasheet HTML 4Page - Maxim Integrated Products MAX17536 Datasheet HTML 5Page - Maxim Integrated Products MAX17536 Datasheet HTML 6Page - Maxim Integrated Products MAX17536 Datasheet HTML 7Page - Maxim Integrated Products MAX17536 Datasheet HTML 8Page - Maxim Integrated Products MAX17536 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Maxim Integrated │ 2
www.maximintegrated.com
Evaluates: MAX17536
3.3V Output-Voltage Application
MAX17536EVKITA#
Evaluation Kit
Detailed Description
The MAX17536 EV kit provides a proven design to
evaluate the high-voltage, high-efficiency, synchronous
step-down DC-DC converter. The EV kit is preset for a
3.3V output from a 4.5V to 60V input at load currents of
up to 4A and features a 450kHz switching frequency for
optimum efficiency and component size.
The EV kit includes an EN/UVLO PCB pad and JU1 to
enable the output at the desired input voltage. The SYNC
PCB pad allows an external clock to synchronize the
device. JU2 allows the selection of a particular mode of
operation based on light-load performance requirements.
An additional RESET PCB pad is available for monitoring
whether the converter output is in regulation.
Soft-Start Input (SS)
The device utilizes an adjustable soft-start function to
limit inrush current during startup. The soft-start time is
adjusted by the value of the external capacitor from SS to
GND (C7). The selected output capacitance (CSEL) and
output voltage (VOUT) determine the minimum value of
C7, as shown by the following equation:
C7 ≥ 28 x 10-6 x CSEL x VOUT
The soft-start time (tSS) is related to C7 by the following
equation:
tSS = C7/(5.55 x 10-6)
For example, to program a 2.2ms soft-start time, C7
should be 12nF.
Regulator Enable/Undervoltage-Lockout
Level (EN/UVLO)
The device offers an adjustable-input, undervoltage-
lockout level. For normal operation, a shunt should be
installed across pins 1-2 on JU1. To disable the output,
install a shunt across pins 2-3 on JU1 and pull the EN/
UVLO pin to GND. See Table 1 for JU1 settings.
Set the voltage at which the device turns on with the resistive
voltage-divider R1/R2 connected from VIN_ to SGND.
Connect the center node of the divider to EN/UVLO.
Choose R1 to be 3.32MΩ and then calculate R2 as follows:
INU
R1x1.215
R2
V
1.215
=
−
where VINU is the voltage at which the device is required
to turn on.
Mode/SYNC Selection (MODE)
The device’s MODE pin should be used to select among
the PWM, PFM, or DCM modes of operation. The logic
state of the MODE pin is latched when the VCC and
EN/UVLO voltages exceed the respective UVLO rising
thresholds and all internal voltages are ready to allow LX
switching. State changes on the MODE pin are ignored
during normal operation. Refer to the MAX17536 IC data
sheet for more information on the PWM, PFM, and DCM
modes of operation.
Table 2 shows EV kit jumper settings that can be used to
configure the desired mode of operation.
The internal oscillator of the device can be synchronized
to an external clock signal on the SYNC pin. The external
synchronization clock frequency must be between 1.1fSW
and 1.4fSW, where fSW is the frequency of operation
set by R5. The minimum external clock high pulse width
should be greater than 50ns and the minimum external
clock low pulse width should be greater than 160ns.
Table 1. Regulator Enable (EN/UVLO)
Description (JU1)
*Default position.
*Default position.
Table 2. MODE Description (JU2)
SHUNT
POSITION
EN/UVLO PIN
MAX17536_
OUTPUT
1-2*
Connected to VIN
Enabled
Not
installed
Connected to the center
node of resistor-divider
R1 and R2
Enabled, UVLO level
set through the R1
and R2 resistors
2-3
Connected to SGND
Disabled
SHUNT
POSITION
MODE PIN
MAX17536_
MODE
Not installed*
Unconnected
PFM mode of
operation
1-2
Connected to SGND
PWM mode of
operation
2-3
Connected to VCC
DCM mode of
operation



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com