Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFPA5532 Datasheet(PDF) 7 Page - Qorvo, Inc

Part # RFPA5532
Description  Wi-Fi Integrated PA Module 4900MHz to 5925MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFPA5532 Datasheet(HTML) 7 Page - Qorvo, Inc

  RFPA5532 Datasheet HTML 1Page - Qorvo, Inc RFPA5532 Datasheet HTML 2Page - Qorvo, Inc RFPA5532 Datasheet HTML 3Page - Qorvo, Inc RFPA5532 Datasheet HTML 4Page - Qorvo, Inc RFPA5532 Datasheet HTML 5Page - Qorvo, Inc RFPA5532 Datasheet HTML 6Page - Qorvo, Inc RFPA5532 Datasheet HTML 7Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Revision DS20151222
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
7 of 7
RFPA5532
RFMD + TriQuint = Qorvo
Pin Names and Descriptions
Pin
Name
Description
1
NC
Not connected internally. It may be left floating or connected to ground.
2
GND
Ground connection. This pin is not connected internally and can be left floating or connected to ground.
3
RFIN
RF inp
ut, internally matched to 50Ω and DC shorted. External DC blocking capacitor required.
4
GND
Ground connection. This pin is not connected internally and can be left floating or connected to ground.
5
PAEN
Input enable bias voltage (regulated internally).
6
NC
Not connected internally. It may be left floating or connected to ground.
7
NC
Not connected internally. It may be left floating or connected to ground.
8
NC
Not connected internally. It may be left floating or connected to ground.
9
NC
Not connected internally. It may be left floating or connected to ground.
10
PDET
Power detector. Provides an output voltage proportional to the RF output power level.
11
GND
Ground connection. This pin is not connected internally and can be left floating or connected to ground.
12
GND
Ground connection. This pin is not connected internally and can be left floating or connected to ground.
13
RFOUT
RF outp
ut, internally matched to 50Ω and DC shorted. External DC blocking capacitor required.
14
GND
Ground connection. This pin is not connected internally and can be left floating or connected to ground.
15
GND
Ground connection. This pin is not connected internally and can be left floating or connected to ground.
16
GND
Ground connection. This pin is not connected internally and can be left floating or connected to ground.
17
GND
Ground connection. This pin is not connected internally and can be left floating or connected to ground.
18
VCC3
Third stage supply voltage
19
VCC2
Second stage supply voltage.
20
VCC1
First stage supply voltage.
Pkg Base
GND
Ground connection. The back side of the package should be connected to the ground plan though as short
of a connection as possible. PCB vias under the device are recommended.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com