Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFPA5532 Datasheet(PDF) 5 Page - Qorvo, Inc

Part # RFPA5532
Description  Wi-Fi Integrated PA Module 4900MHz to 5925MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFPA5532 Datasheet(HTML) 5 Page - Qorvo, Inc

  RFPA5532 Datasheet HTML 1Page - Qorvo, Inc RFPA5532 Datasheet HTML 2Page - Qorvo, Inc RFPA5532 Datasheet HTML 3Page - Qorvo, Inc RFPA5532 Datasheet HTML 4Page - Qorvo, Inc RFPA5532 Datasheet HTML 5Page - Qorvo, Inc RFPA5532 Datasheet HTML 6Page - Qorvo, Inc RFPA5532 Datasheet HTML 7Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Revision DS20151222
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
5 of 7
RFPA5532
RFMD + TriQuint = Qorvo
RFPA5532 Applications Schematic
Pin Out
PAEN
PDET
J2
RF_OUT
50
 strip
J1
RF_IN
50
 strip
VCC2
C1
2.2uF
(0402)
C3
F
(0402)
C5
1nF
(0402)
C2
2.2uF
(0402)
6
7
8
9
4
3
20
19
18
17
2
1
11
12
13
14
U1
RFPA5532
10
15
5
16
C6
10pF
(0402)
VCC1
VCC3
RFPA5532 Schematic
C7
10pF
(0402)
C8
10pF
(0402)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com