Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW4810 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STW4810
Description  Power Management for Multimedia Processors
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4810 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STW4810 Datasheet HTML 11Page - STMicroelectronics STW4810 Datasheet HTML 12Page - STMicroelectronics STW4810 Datasheet HTML 13Page - STMicroelectronics STW4810 Datasheet HTML 14Page - STMicroelectronics STW4810 Datasheet HTML 15Page - STMicroelectronics STW4810 Datasheet HTML 16Page - STMicroelectronics STW4810 Datasheet HTML 17Page - STMicroelectronics STW4810 Datasheet HTML 18Page - STMicroelectronics STW4810 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 72 page
background image
STw4810
4 Functional description
Rev3
15/72
4.2.4
I2C Interface
The device supports two I2C bus interfaces. One main interface (SDA,SCL) controls power
management and all programmable functions, the second interface (USBSDA, USBSCL) is
dedicated to USB control. STw4810 allows to work with only the main I2C interface to control all
the functions, including the USB, via USB_I2C_CTRL bit of power control register (
Table 26).
I2C Interface is used to read status information from inside the device.
Flags, interrupt and write registers are used to configure the device functions (threshold, clock
division, output voltage, etc....). By default, the main I2C interface (SCL,SDA) controls the main
registers and USB I2C interface (USBSCL, USBSDA) controls USB registers.
Figure 6.
I2C interface block diagram
Both I2C are configured as slave serial interface compatible with I2C registered trademark of
Phillips Inc. (version 2.1).
I2C interface description
STw4810 I2C is a slave serial interface with a serial data line (SDA or USBSDA) and a serial
clock line (SCL or USBSCL):
–
SCL / USBSCL: input clock used to shift data
–
SDA / USBSDA: input/output bidirectional data transfers
It is composed of:
–
One filter to reject spikes on the bus data line and preserve data integrity
–
Bidirectional data transfers up to 400kbit/s (Fast-mode) via SDA or USBSDA signal
The SDA or USBSDA signal contains the input/output control and data signals that are shifted
in the device, MSB first. The first bit must be high (START) followed by the Device ID (7 bits)
and Read/Write bit control (1 indicates read access, a logical 0 indicates a write access).
–
Device ID in write mode: 5Ah (01011010)
–
Device ID in read mode: 5Bh (01011011)
Then STw4810 sends an acknowledge at the end of an 8 bits transfer. The next 8 bits
correspond to the register address followed by another acknowledge. The 8 bits data field is
sent last, followed by a last acknowledge.
Main registers
SDA
USBSCL
SCL
SDA or USBSDA
SCL or USBSCL
USBSDA
USB registers
SDA
SCL
usb_i2c_ctrl



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com