Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW4810 Datasheet(PDF) 40 Page - STMicroelectronics

Part # STW4810
Description  Power Management for Multimedia Processors
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4810 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STW4810 Datasheet HTML 36Page - STMicroelectronics STW4810 Datasheet HTML 37Page - STMicroelectronics STW4810 Datasheet HTML 38Page - STMicroelectronics STW4810 Datasheet HTML 39Page - STMicroelectronics STW4810 Datasheet HTML 40Page - STMicroelectronics STW4810 Datasheet HTML 41Page - STMicroelectronics STW4810 Datasheet HTML 42Page - STMicroelectronics STW4810 Datasheet HTML 43Page - STMicroelectronics STW4810 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 72 page
background image
4 Functional description
STw4810
40/72
Rev3
The two bits of USB control register dp_pullup and dn_pullup (
Table 11) are used to connect/
disconnect pull-up resistors.
Session Request Protocol (SRP)
To save power, the OTG supplement allows an A-device to leave the VBUS turned off when the
bus is not being used. If the B-device wants to use the bus when VBUS is turned off, then it
requires the A-device to supply power on VBUS using the Session Request Protocol (SRP).
Initial conditions
The B-device does not attempt to start a new session until it has determined if the A-device has
detected the end of the previous session. The B-device must ensure that VBUS is below
VBUS_SESSION_END before requesting a new session.
Additionally, the B-device switches a pull-down resistor (R_VBUS_PD) from VBUS to ground in
order to quicken the discharge process as long as the B-device does not draw more than 8 mA
from VBUS. R_VBUS_PD is activated by bit ‘vbus_dischrg’ of USB control register 2,
(
Table 11).
When the B-device detects that VBUS is below the VBUS_SESSION_END and that both DP
and DN have been low (SEO) for at least 2 ms, then any previous session on the A-device is
over and a new session can start.
Data-line pulsing
To indicate a request for a new session using the data line pulsing, the B-device turns on the
DP pull-up resistor for 5 ms to 10 ms (only at full speed, no DN pulsing). The DP pull-up resistor
is connected to VUSB (regulator output voltage). Timing is controlled by the USB digital control.
VBUS pulsing
To indicate a request for a new session using the VBUS pulsing method, the B-device waits for
the initial conditions and then drives VBUS. VBUS is driven for a long enough period for a
capacitance on VBUS that is smaller than 2x6.5 µF to be charged to 2.1 V while a capacitance
on VBUS higher than 97 µF is not charged above 2.0 V. In this USB block, the
VBUS_SESSION_VALID threshold is used to determine if an A-device is DRD (dual role
device) or a standard host.
The B-device VBUS pulsing block is designed so that the maximum drawn current does not
exceed 8 mA. In this USB block, the pull-up is 600
Ω +/- 30%.
If a B-device is attached to a standard device, the pull-up must be disconnected after the
defined timing to prevent damage of standard hosts not designed to withstand a voltage
externally applied to VBUS.
Session Request Protocol (SRP)
If the B-device is in correct condition to start a new session, it first performs data line pulsing,
followed by VBUS pulsing. When VBUS next crosses the SESSION VALID threshold, the B-
device considers a session to be in progress and asserts the DP or DN data line within 100 ms.
After SRP initialization, the B- device is set up to wait for at least 5 seconds for the A-device to
respond before informing the user that the consumption attempt has failed.
Host Negotiation Protocol (HNP)
At the start of a session, the A-device has the role of host as default. During a session, the host
role can be transferred back and forth between the A-device and the B-device any number of
times using the Host Negotiation Protocol (HNP). The process for this exchange of host role is
described in the “On the Go Supplement to the USB 2.0 Specification” (rev 1.0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com