Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW8009A Datasheet(PDF) 11 Page - STMicroelectronics

Part # STW8009A
Description  Mobile Video DENC
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW8009A Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STW8009A Datasheet HTML 7Page - STMicroelectronics STW8009A Datasheet HTML 8Page - STMicroelectronics STW8009A Datasheet HTML 9Page - STMicroelectronics STW8009A Datasheet HTML 10Page - STMicroelectronics STW8009A Datasheet HTML 11Page - STMicroelectronics STW8009A Datasheet HTML 12Page - STMicroelectronics STW8009A Datasheet HTML 13Page - STMicroelectronics STW8009A Datasheet HTML 14Page - STMicroelectronics STW8009A Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 55 page
background image
STw8009/STw8019
Functional description
11/55
4.5
Sub-carrier generation
A Direct Digital Frequency Synthesizer (DDFS) generates the required color sub-carrier
frequency using a 24-bit phase accumulator. Sub-carrier frequency is programmable with a
1.6 Hz step.
4.6
Luminance encoding
The luminance that is added to the chrominance to create the composite CVBS signal can
be trap-filtered at 3.58 MHz (NTSC) or 4.43 MHz (PAL). This supports application oriented
towards low-end TV sets which are subject to cross-color.
A 7.5 IRE pedestal can be programmed if needed with all standards. This allows in
particular to encode Argentinian and non-Argentinian PAL-N, or Japanese NTSC.
A programmable delay can be inserted on the luminance path to offset any chroma/luma
delay introduced by off-chip filtering.
STw8009/STw8019 output signals are IF modulated in NTSC M standard so that a sound
notch filter is required. The notch filter which is on the Luma path is defined by a set of
coefficients and is implemented in the STw8009/STw8019 as default values. The set is also
programmable.
Figure 5.
Luma filtering
Amplitude (dB)
Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com