Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW8009A Datasheet(PDF) 16 Page - STMicroelectronics

Part # STW8009A
Description  Mobile Video DENC
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW8009A Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STW8009A Datasheet HTML 12Page - STMicroelectronics STW8009A Datasheet HTML 13Page - STMicroelectronics STW8009A Datasheet HTML 14Page - STMicroelectronics STW8009A Datasheet HTML 15Page - STMicroelectronics STW8009A Datasheet HTML 16Page - STMicroelectronics STW8009A Datasheet HTML 17Page - STMicroelectronics STW8009A Datasheet HTML 18Page - STMicroelectronics STW8009A Datasheet HTML 19Page - STMicroelectronics STW8009A Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 55 page
background image
Functional description
STw8009/STw8019
16/55
4.12.2
Mode transition diagram
The following mode transition diagram shows the main possible transitions between the
modes and the actions.
Figure 12.
Mode transition diagram
Transitions to OFF mode
The possible transitions are indicated in
Figure 12: Mode transition diagram10 in dotted
lines. No internal data needs to be saved and the STw8009/STw8019 can be turned OFF
from any mode. The only restriction is to comply with the power supply rules described here
after.
Transition from OFF mode to Sleep mode then to Active mode
Power up must be done by starting from OFF to Sleep mode and then from Sleep to Active
mode. Sleep to Standby is not possible.
Following the transition from OFF to Sleep mode, STw8009/STw8019 must receive PORn
signal (Power On Reset) to initialize the Control and power Management Unit registers (Reg
128 to 132).
The host sends the order for the STw8009/STw8019 to switch from Sleep to Active mode by
releasing Suspend ball and enabling pixel clock (27 MHz). The device then generates a
reset sequence to the DENC part.
OFF
Sleep
Standby
Active
Registers maintained
Power consumption reduced
DENC clock gated
DACs in low power
Normal operation
All functions available
DACs dynamically used on demand
No Power supply applied
Registers values lost
All supplies are applied but STw8009
suspend is asserted
Register values lost
DAC in low power mode
STw8009 looses all its
registers and configuration
when entering Sleep mode
A PORn reset occurs
after the 1.2 V & 1.8 V
have been applied
No need to reset or
reconfigure DENC
in either direction
Suspend = « 0 »
By Sw
Suspend = « 1 »
OFF
Sleep
Standby
Active
Registers maintained
Power consumption reduced
DENC clock gated
DACs in low power
Normal operation
All functions available
DACs dynamically used on demand
No Power supply applied
Registers values lost
All supplies are applied but STw8009
suspend is asserted
Register values lost
DAC in low power mode
STw8009 looses all its
registers and configuration
when entering Sleep mode
STw8009 looses all its
registers and configuration
when entering Sleep mode
A PORn reset occurs
after the 1.2 V & 1.8 V
have been applied
No need to reset or
reconfigure DENC
in either direction
No need to reset or
reconfigure DENC
in either direction
Suspend = « 0 »
By Sw
Suspend = « 1 »



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com