Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD39208 Datasheet(PDF) 28 Page - Microchip Technology

Part # PD39208
Description  PoE PSE Manager
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD39208 Datasheet(HTML) 28 Page - Microchip Technology

Back Button PD39208 Datasheet HTML 24Page - Microchip Technology PD39208 Datasheet HTML 25Page - Microchip Technology PD39208 Datasheet HTML 26Page - Microchip Technology PD39208 Datasheet HTML 27Page - Microchip Technology PD39208 Datasheet HTML 28Page - Microchip Technology PD39208 Datasheet HTML 29Page - Microchip Technology PD39208 Datasheet HTML 30Page - Microchip Technology PD39208 Datasheet HTML 31Page - Microchip Technology PD39208 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
...........continued
Dimension
Value (mm)
Width
16.00 ±0.30
Figure 5-10. Reel Specifications
Table 5-6. Reel Mechanical Data
Dimensions
Value (mm)
Value (inch)
Tape size
16.00 ±0.3
0.630 ±0.012
A max.
330
13
B max.
1.5
0.059
C
13.0 ±0.20
0.512 ±0.008
D min.
20.2
0.795
N min.
50
1.968
G
16.4+2.0/–0.0
0.724 to 0.645
T max.
29
1.142
Base quantity: 2000 pieces
5.6
Reference Documents
• PD39210 Serial Communication Protocol User Guide
• Microchip AN3361 Designing an IEEE 802.3af/802.3at/802.3bt-Compliant PD69208 48-Port PoE System
• Microchip Designing an IEEE 802.3af/802.3at-Compliant PD39208 48-Port PoE System
• AN3378 Surge Protection Application Note 8-Port PSE PoE Manager PD69208T4/M/4T4
• PD692x0+PD69208M/208T4/204T4 Implementing Perpetual PoE (PPoE) and Fast PoE
• PD69210 and PD69220 PoE PSE Controller Datasheet
• PD69200 PoE PSE Controller Datasheet
• PD39210 PoE PSE Controller Data Sheet
PD39208
Package Information
© 2020 Microchip Technology Inc.
Datasheet
DS00003555B-page 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com