Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5242IPAP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5242IPAP
Description  4-Channel, 12-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5242IPAP Datasheet(HTML) 1 Page - Texas Instruments

  ADS5242IPAP Datasheet HTML 1Page - Texas Instruments ADS5242IPAP Datasheet HTML 2Page - Texas Instruments ADS5242IPAP Datasheet HTML 3Page - Texas Instruments ADS5242IPAP Datasheet HTML 4Page - Texas Instruments ADS5242IPAP Datasheet HTML 5Page - Texas Instruments ADS5242IPAP Datasheet HTML 6Page - Texas Instruments ADS5242IPAP Datasheet HTML 7Page - Texas Instruments ADS5242IPAP Datasheet HTML 8Page - Texas Instruments ADS5242IPAP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
BurrBrown Products
from Texas Instruments
FEATURES
APPLICATIONS
DESCRIPTION
12− Bit
ADC
PLL
S/H
Serializer
1x ADCLK
6x ADCLK
IN1
P
ADCLK
IN1
N
OUT1
P
OUT1
N
12− Bit
ADC
S/H
Serializer
IN2
P
IN2
N
OUT2
P
OUT2
N
12− Bit
ADC
S/H
Serializer
IN3
P
IN3
N
OUT3
P
OUT3
N
LCLK
P
LCLK
N
ADCLK
P
ADCLK
N
12x ADCLK
12− Bit
ADC
S/H
Serializer
IN4
P
IN4
N
OUT4
P
OUT4
N
Reference
INT/EXT
Registers
Control
ADS5242
SBAS330C – OCTOBER 2004 – REVISED OCTOBER 2005
4-Channel, 12-Bit, 65MSPS Analog-to-Digital Converter
with Serial LVDS Interface
An integrated phase lock loop (PLL) multiplies the
incoming ADC sampling clock by a factor of 12. This
•
Maximum Sample Rate: 65MSPS
high-frequency LVDS clock is used in the data
•
12-Bit Resolution
serialization and transmission process. The word
output of each internal ADC is serialized and
•
No Missing Codes
transmitted either MSB or LSB first. In addition to the
•
Total Power Dissipation
four data outputs, a bit clock and a word clock are
Internal Reference: 660mW
also transmitted. The bit clock is at 6x the speed of
External Reference: 594mW
the sampling clock, whereas the word clock is at the
•
CMOS Technology
same speed of the sampling clock.
•
Simultaneous Sample-and-Hold
The ADS5242 provides internal references, or can
•
70.8dBFS SNR at 10MHz IF
optionally be driven with external references. Best
performance can be achieved through the internal
•
3.3V Digital/Analog Supply
reference mode.
•
Serialized LVDS Outputs
The device is available in an HTQFP-64 PowerPAD
•
Integrated Frame and Bit Patterns
package and is specified over a –40
°C to +85°C
•
Option to Double LVDS Clock Output Currents
operating range.
•
Four Current Modes for LVDS
•
Pin- and Format-Compatible Family
•
HTQFP-64 PowerPAD™ Package
•
Portable Ultrasound Systems
•
Tape Drives
•
Test Equipment
•
Optical Networking
•
Communications
The ADS5242 is a high-performance, 65MSPS,
4-channel analog-to-digital converter (ADC). Internal
references are provided, simplifying system design
requirements. Low power consumption allows for the
highest of system integration densities. Serial LVDS
(low-voltage differential signaling) outputs reduce the
number of interface lines and package size.
RELATED PRODUCTS
RESOLUTION
SAMPLE RATE
MODEL
(BITS)
(MSPS)
CHANNELS
ADS5240
12
40
4
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS5242IPAP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5242 TI2-ADS5242 Datasheet
655Kb / 42P
10-Bit, Octal-Channel ADC Up to 65MSPS
REVISED JUNE 2012
ADS5242 TI2-ADS5242 Datasheet
1Mb / 32P
4-Channel, 12-Bit, 40MSPS Analog-to-Digital Converter with Serial LVDS Interface
REVISED JANUARY 2009
ADS5242 TI2-ADS5242 Datasheet
1Mb / 32P
4-Channel, 12-Bit, 40MSPS Analog-to-Digital Converter with Serial LVDS Interface
REVISED JANUARY 2009
More results

Similar Description - ADS5242IPAP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC2814 BURR-BROWN-DAC2814 Datasheet
210Kb / 11P
DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER Serial Interface
DAC4814 BURR-BROWN-DAC4814 Datasheet
235Kb / 12P
Quad 12-Bit Digital-to-Analog Converter Serial Interface
ADS5272 BURR-BROWN-ADS5272 Datasheet
246Kb / 16P
8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
logo
Texas Instruments
ADS5221 TI-ADS5221 Datasheet
367Kb / 19P
12-Bit, 65MSPS Sampling, 3.3V ANALOG-TO-DIGITAL CONVERTER
ADS5277 TI-ADS5277 Datasheet
1Mb / 28P
8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
ADS5232 TI-ADS5232 Datasheet
742Kb / 29P
Dual, 12-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
ADS5277 TI-ADS5277_12 Datasheet
1Mb / 32P
8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
ADS5272 TI1-ADS5272_14 Datasheet
1Mb / 33P
8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
ADS5232 TI1-ADS5232_14 Datasheet
1Mb / 32P
Dual, 12-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
ADS5271 TI1-ADS5271_14 Datasheet
1Mb / 32P
8-Channel, 12-Bit, 50MSPS Analog-to-Digital Converter with Serial LVDS Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com