Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5242IPAP Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5242IPAP
Description  4-Channel, 12-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5242IPAP Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADS5242IPAP Datasheet HTML 8Page - Texas Instruments ADS5242IPAP Datasheet HTML 9Page - Texas Instruments ADS5242IPAP Datasheet HTML 10Page - Texas Instruments ADS5242IPAP Datasheet HTML 11Page - Texas Instruments ADS5242IPAP Datasheet HTML 12Page - Texas Instruments ADS5242IPAP Datasheet HTML 13Page - Texas Instruments ADS5242IPAP Datasheet HTML 14Page - Texas Instruments ADS5242IPAP Datasheet HTML 15Page - Texas Instruments ADS5242IPAP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
www.ti.com
ADS5242
SBAS330C – OCTOBER 2004 – REVISED OCTOBER 2005
PIN DESCRIPTIONS
NAME
PIN #
I/O
DESCRIPTION
ADCLK
56
I
Data Converter Clock Input
ADCLKN
34
O
Negative LVDS ADC Clock Output
ADCLKP
33
O
Positive LVDS ADC Clock Output
AVDD
1, 5, 10, 39, 44, 48, 55, 60
I
Analog Power Supply
AVSS
4, 6, 9, 40, 43, 45, 49, 57-59, 64
I
Analog Ground
CS
61
I
Chip Select; 0 = Select, 1 = No Select
IN1N
3
I
Channel 1 Differential Analog Input Low
IN1P
2
I
Channel 1 Differential Analog Input High
IN2N
8
I
Channel 2 Differential Analog Input Low
IN2P
7
I
Channel 2 Differential Analog Input High
IN3N
42
I
Channel 3 Differential Analog Input Low
IN3P
41
I
Channel 3 Differential Analog Input High
IN4N
47
I
Channel 4 Differential Analog Input Low
IN4P
46
I
Channel 4 Differential Analog Input High
INT/EXT
54
I
Internal/External Reference Select; 0 = External, 1 = Internal. Weak pull-up to supply.
ISET
50
I/O
Bias Current Setting Resistor of 56.2k
Ω to Ground
LCLKN
16
O
Negative LVDS Clock
LCLKP
15
O
Positive LVDS Clock
LVDD
21, 27
I
LVDS Power Supply
LVSS
11, 13, 14, 22, 28, 35, 36, 38
I
LVDS Ground
NC
17, 18, 31, 32
—
No Connection
OUT1N
20
O
Channel 1 Negative LVDS Data Output
OUT1P
19
O
Channel 1 Positive LVDS Data Output
OUT2N
24
O
Channel 2 Negative LVDS Data Output
OUT2P
23
O
Channel 2 Positive LVDS Data Output
OUT3N
26
O
Channel 3 Negative LVDS Data Output
OUT3P
25
O
Channel 3 Positive LVDS Data Output
OUT4N
30
O
Channel 4 Negative LVDS Data Output
OUT4P
29
O
Channel 4 Positive LVDS Data Output
PD
12
I
Power-Down; 0 = Normal, 1 = Power-Down. Weak pull-down to ground.
REFB
52
I/O
Reference Bottom Voltage (2
Ω resistor in series with a capacitor ≥ 0.1µF to ground)
REFT
53
I/O
Reference Top Voltage (2
Ω resistor in series with a capacitor ≥ 0.1µF to ground)
RESET
37
I
Reset to Default; 0 = Reset, 1 = Normal. Weak pull-down to ground.
SCLK
63
I
Serial Data Clock
SDA
62
I
Serial Data Input
VCM
51
O
Common-Mode Output Voltage
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com