Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TND027SW Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # TND027SW
Description  Lowside Power Switch Lamp-, Solenoid-and Motor-Driving Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TND027SW Datasheet(HTML) 4 Page - Sanyo Semicon Device

  TND027SW Datasheet HTML 1Page - Sanyo Semicon Device TND027SW Datasheet HTML 2Page - Sanyo Semicon Device TND027SW Datasheet HTML 3Page - Sanyo Semicon Device TND027SW Datasheet HTML 4Page - Sanyo Semicon Device TND027SW Datasheet HTML 5Page - Sanyo Semicon Device TND027SW Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TND027SW, 027TD
No.7437-4/6
0.2
0.4
0.6
0.8
1.2
1.4
1.0
2.0
1.8
1.6
0
123
VIN(th) -- Ta
IT05243
--50
--25
58
60
64
62
68
66
70
56
0.8
0
25
50
100
75
--50
--25
0
25
50
100
75
VDS, clamp -- Ta
IT05241
VIN, clamp -- Ta
IT05242
IO -- VIN
IT05244
1.0
2.0
1.8
1.6
1.4
1.2
VDS=24V
4.0
4.5
142
144
152
150
148
146
154
160
158
156
140
5.0
5.5
6.0
Tj(sd) -- VIN
IT05245
VIN=0
IO=1mA
--50
--25
10
9
12
11
13
8
0
25
50
100
75
IIN=1mA
VDS=5V
IO=1mA
0
0.5
1.0
1.3
1.5
IT05247
0.2
0.4
0.8
0.6
1.0
1.4
1.2
1.3
0
TND027SW
PD -- Ta
PD(Circuit2) -- PD(Circuit1)
IT05248
Ambient Temperature, Ta --
°C
Ambient Temperature, Ta --
°C
Ambient Temperature, Ta --
°C
Ambient Temperature, Ta --
°C
Input Voltage, VIN -- V
Input Voltage, VIN -- V
Allowable Power Dissipation, PD(Circuit1) -- W
Mounted
on
a
ceramic
board(1200mm
2!
0.8mm)
--40
--20
20
0
406080
100
0.6
0.8
0.2
0.4
1.0
1.4
1.2
1.6
1.3
1.7
1.8
0
1unit
Total Dissipation
TND027SW



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com