Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TND027SW Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # TND027SW
Description  Lowside Power Switch Lamp-, Solenoid-and Motor-Driving Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TND027SW Datasheet(HTML) 5 Page - Sanyo Semicon Device

  TND027SW Datasheet HTML 1Page - Sanyo Semicon Device TND027SW Datasheet HTML 2Page - Sanyo Semicon Device TND027SW Datasheet HTML 3Page - Sanyo Semicon Device TND027SW Datasheet HTML 4Page - Sanyo Semicon Device TND027SW Datasheet HTML 5Page - Sanyo Semicon Device TND027SW Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TND027SW, 027TD
No.7437-5/6
0
0.4
0.2
0.8
0.6
1.0
IT05249
0.1
0.2
0.4
0.3
0.5
0.6
0.9
0.7
0.8
0
TND027TD
--40
--20
20
0
406080
100
PD -- Ta
IT05250
0.2
0.4
0.6
0.8
1.0
1.2
1.3
1.4
0
TND027TD
1unit
Total Dissipation
Ambient Temperature, Ta --
°C
Allowable Power Dissipation, PD(Circuit1) -- W
Mounted on a ceramic board(1000mm2!0.8mm)
PD(Circuit2) -- PD(Circuit1)
Sample Application Circuit
Another Sample Application Circuit (Solenoid drive)
AC100V
AC24V
OUT
Lamp
Lamp
Lamp
IN
5V 5V
IN 1
OUT 1
OUT 2
GND 1, 2
IN 2
5V
GND
TND027SW / TD
TND027SW / TD
Micro-
controller
Micro-
controller
Micro-
controller
AC100V
AC24V
OUT
Solenoid
Solenoid
IN
5V 5V
IN 1
OUT 1
OUT 2
GND 1, 2
IN 2
5V
GND
TND027SW / TD
TND027SW / TD
Micro-
controller
Micro-
controller
Micro-
controller



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com