Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXLS8967AFR3 Datasheet(PDF) 58 Page - NXP Semiconductors

Part # FXLS8967AFR3
Description  3-Axis Low-g Accelerometer
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8967AFR3 Datasheet(HTML) 58 Page - NXP Semiconductors

Back Button FXLS8967AFR3 Datasheet HTML 54Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 55Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 56Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 57Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 58Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 59Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 60Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 61Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 62Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 98 page
background image
NXP Semiconductors
FXLS8967AF
3-Axis Low-g Accelerometer
Field
Description
1
BOOT_DIS
Boot interrupt output disable
0 (default): Boot interrupt is enabled and routed to either the INT1 or INT2 output pin as determined
by the setting made in
INT_PIN_SEL. This interrupt is pulsed, with the polarity of the pulse
determined by the setting made in
SENS_CONFIG4[INT_POL].
1: Interrupt is disabled and not routed to the INTx output pins.
When BT_MODE = GND:
The SRC_BOOT interrupt is signaled on the INTx pin selected in
INT_PIN_SEL and pulsed for a
duration of TPULSE-BOOT1 µs when the BOOT process completes.
When BT_MODE = VDD:
This bit is ignored and the SRC_BOOT interrupt is internally enabled and mapped to the INT2/
BOOT_OUT pin (fixed settings). The INT2/BOOT_OUT pin is pulsed low for a duration of TPULSE-
BOOT2 ms during the BOOT sequence.
Note: The BOOT_DIS bit holds the user programmed value until the VDD supply is removed or
Hibernate mode is entered; this setting is, however, maintained across a soft reset operation.
0
WAKE_OUT_EN
WAKE power state output enable
0 (default): The device does not signal the WAKE operating mode on the INTx output pin.
1: The device signals that it is currently in WAKE mode via the INT1 or INT2 pin. Whenever
SYS_
MODE[sys_mode] = 01b, the INT1 or INT2 pin (as selected in INT_PIN_SEL) is held high or low,
depending on the setting made in
SENS_CONFIG4[INT_POL]. The logic state is maintained as long
as the device remains in WAKE mode. When the device leaves WAKE mode and enters SLEEP or
EXT_TRIG mode, the selected interrupt pin assumes the opposite logic state.
Note: If the host system is utilizing the WAKE_OUT function to control an external load switch or
LDO enable signal, other enabled interrupts should not be mapped to the same pin that is assigned to
the WAKE_OUT function in order to prevent unintended operation of the load switch or LDO.
Table 72. INT_EN register (address 20h) bit description...continued
15.22 INT_PIN_SEL register (address 21h)
This register may be used to control the routing of event flags to either the INT1 or INT2
output pins.
Notes:
• When the INT2 pin is configured for the external trigger function, for example, when
SENS_CONFIG4[INT2_FUNC] = 1, a logic '1' value in any of these bit fields is ignored.
• When BT_MODE = VDD, the only interrupt that may be mapped to the INT2/
BOOT_OUT pin is the SRC_BOOT interrupt; setting any of the other bits in this register
to '1' effectively unroutes the respective interrupt source from both the INT1 and INT2
pins.
Bit
7
6
5
4
3
2
1
0
Name
DRDY_
INT2
BUF_INT2
SDCD_
OT_INT2
SDCD_
WT_INT2
ORIENT_
INT2
ASLP_INT2
BOOT_
INT2
WAKE_
OUT_INT2
Reset
0
0
0
0
0
0
0
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 73. INT_PIN_SEL register (address 21h) bit allocation
FXLS8967AF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Objective data sheet
Rev. 1 — 27 April 2021
58 / 98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com