Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXLS8967AFR3 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # FXLS8967AFR3
Description  3-Axis Low-g Accelerometer
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8967AFR3 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button FXLS8967AFR3 Datasheet HTML 6Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 7Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 8Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 9Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 10Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 11Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 12Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 13Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 98 page
background image
NXP Semiconductors
FXLS8967AF
3-Axis Low-g Accelerometer
VDD = 1.8 V to 3.0 V, T = –40 °C to 105 °C, unless otherwise noted.
Typical values represent mean or mean ±1 σ values, depending on the specific parameter.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ODR = 3200 Hz
—
—
200
ODR = 1600 Hz
—
—
100
ODR = 800 Hz
—
—
53
ODR = 400 Hz
—
—
30
ODR = 200 Hz
—
—
25
ODR = 100 Hz
—
—
13
ODR = 50 Hz
—
—
10
ODR = 25 Hz
—
—
8
ODR = 12.5 Hz
—
—
4
ODR = 6.25 Hz
—
—
4
ODR = 3.125 Hz
—
—
4
ODR = 1.563 Hz
—
—
4
IDDLPM
Average current draw in low-power
mode
ODR = 0.781 Hz
—
—
4
µA
IDDSTBY
Supply current draw in Standby mode
—
—
—
4
µA
IDDHIB
Supply current draw in Hibernate
mode
—
—
—
300
nA
VIH
High-level input voltage:
SCL/SCLK, SDA/SPI_MOSI/SPI_
DATA, SA0, INTF_SEL, BT_MODE,
SPI_CS_B/WAKE_UP, MOT_DET,
EXT_TRIG pins
—
0.7 * VDD
—
—
V
VIL
Low-level input voltage:
SCL/SCLK, SDA/SPI_MOSI/SPI_
DATA, SA0, INTF_SEL, BT_MODE,
SPI_CS_B/WAKE_UP, MOT_DET,
EXT_TRIG pins
—
—
—
0.3 * VDD
V
VOH
High-level output voltage: INT1/MOT_
DET, INT2/BOOT_OUT, SPI_MISO,
SPI_DATA pins
Io = 500 μA
0.9 * VDD
—
—
V
VOL
Low-level output voltage: INT1/MOT_
DET, INT2/BOOT_OUT, SPI_MISO,
SPI_DATA pins
Io = 500 μA
—
—
0.1 * VDD
V
VOLSDA, SCL
Low-level output voltage on SDA and
SCL pins
Io = 5 mA
—
—
0.4
V
TPULSE-MOT
Motion detected interrupt pulse width
BT_MODE = VDD
4.55
5
5.56
ms
TMOT-HIB
MOT_DET pin low time before
entering Hibernate mode[1]
BT_MODE = VDD
0.91
1
6.8
ms
TPULSE-WIN
Motion detection threshold setting
pulse window
BT_MODE = VDD,
MOT_DET = HIGH
4.55
5
5.56
ms
Table 8. Electrical characteristics...continued
FXLS8967AF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Objective data sheet
Rev. 1 — 27 April 2021
10 / 98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com