Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXLS93333 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # FXLS93333
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93333 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button FXLS93333 Datasheet HTML 25Page - NXP Semiconductors FXLS93333 Datasheet HTML 26Page - NXP Semiconductors FXLS93333 Datasheet HTML 27Page - NXP Semiconductors FXLS93333 Datasheet HTML 28Page - NXP Semiconductors FXLS93333 Datasheet HTML 29Page - NXP Semiconductors FXLS93333 Datasheet HTML 30Page - NXP Semiconductors FXLS93333 Datasheet HTML 31Page - NXP Semiconductors FXLS93333 Datasheet HTML 32Page - NXP Semiconductors FXLS93333 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
VBUS_I_L_min ≤ (VBUS_I – VSS) ≤ VBUS_I_H_max, TL ≤ TA ≤ TH, ΔT ≤ 25 °C/min, unless otherwise specified
#
Characteristic
Symbol
Min
Typ
Max
Units
Test
notes
10775
Sync Pulse Reference Discharge Start Time
tSYNC_LPF_RST_ST
—
9.0
—
µs
7, 9
10774
Sync Pulse Reference Discharge Activation Time
tSYNC_LPF_RST
—
154
—
µs
7, 9
10773
Sync Pulse Detection Disable Time (PDCM_CMD_B = 0)
tSYNC_OFF_500
—
450
—
µs
7, 8, 9
10772
Analog Delay of Sync Pulse Detection
tA_SYNC_DLY
50
—
600
ns
7, 9
10771
Sync Pulse Pulldown Function Delay Time
tPD_DLY
—
9.0
—
µs
7, 9
10770
Sync Pulse Pulldown Function Activate Time
tPD_ON
—
16
—
µs
7, 8
10769
Sync Pulse Detection Jitter
tSYNC_JIT
0
—
0.5
µs
7, 8
10768
Data Transmission Single Bit Time (PSI5 Standard Bit Rate)
tBIT_Standard
—
8.00
—
µs
7, 8, 9
10767
Data Transmission Single Bit Time (PSI5 High Bit Rate)
tBIT_HI
—
5.30
—
µs
7, 8, 9
Response Current Transmission (No external Components)
10766
Response Slew Time: 20 % to 80 % of IR_PSI5
tSLEW1_RESP
350
400
500
ns
1 ,7, 9
10765
Position of bit transition (All except 5.3 µs)
tBittrans_LowBaud
49
50
51
%
8, 9
10780
Position of bit transition (5.3 us)
tBittrans_HighBaud
49
⎯
51
%
8, 9
10764
Asynchronous Response Time
tASYNC
—
228
—
µs
7, 8, 9
Time Slots
10763
Min Programmed Time Slot: PDCM_RSPSTx < 0x0014
tTIMESLOTx_MIN
—
20
—
µs
7, 8, 9
10790
Max Programmed Time Slot: PDCM_RSPSTx = 0x1FFF
tTIMESLOTx_MAX
—
8191
—
µs
7, 8, 9
10789
Default Time Slot (PDCM_RSPSTx = 0x0000)
tTIMESLOT_DFLT
—
20
—
µs
7, 8, 9
10788
Time Slot Resolution
tTIMESLOTx_RES
—
1.0
—
µs/LSB 7, 8, 9
10787
Sync pulse to Daisy Chain Default Time Slot 0
tTIMESLOT_DC0
—
46.5
—
µs
7, 8, 9
10786
Sync pulse to Daisy Chain Default Time Slot 1 (Low)
tTIMESLOT_DC1_L
—
192
—
µs
7, 8, 9
10785
Sync pulse to Daisy Chain Default Time Slot 2 (Low)
tTIMESLOT_DC2_L
—
350
—
µs
7, 8, 9
10784
Sync pulse to Daisy Chain Default Time Slot 1 (High)
tTIMESLOT_DC1_H
—
150
—
µs
7, 8, 9
10783
Sync pulse to Daisy Chain Default Time Slot 2 (High)
tTIMESLOT_DC2_H
—
260
—
µs
7, 8, 9
10782
Sync pulse to Daisy Chain Default Time Slot 3 (High)
tTIMESLOT_DC3_H
—
380
—
µs
7, 8, 9
10781
Sync pulse to Daisy Chain Programming Time Slot
tTIMESLOT_DCP
—
46.5
—
µs
7, 8, 9
10762
PSI5 Data Latency
tLAT_PSI5
0
—
1.00
µs
7, 8
Bus Switch Output Activation Time (C = 50 pF)
10761
From last bit of "SetAdr" Response to 80 % of VBUS_SW_OH
tBUS_SW
⎯
⎯
300
µs
7
PSI5 Programming Mode Sync Pulse Period
10760
The user must provide a sync pulse period within this range to
guarantee Programming Mode communications
tS-S_PM
245
250
255
µs
7, 8, 9
PSI5 Programming Mode Command Blanking Time
tSYNC_OFF_250
—
200
—
µs
7, 8, 9
Daisy Chain Mode Sync Pulse Period
39810
The user must provide a sync pulse period within this range to
guarantee communications
tS-S_DC
490
500
510
µs
7, 8, 9
OTP Program Timing
10793
Time to program one OTP User Region
tOTP_WRITE_MAX
—
—
10
ms
7, 8, 9
Table 35. Dynamic electrical characteristics - PSI5...continued
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
29 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com