Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXLS93333 Datasheet(PDF) 87 Page - NXP Semiconductors

Part # FXLS93333
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93333 Datasheet(HTML) 87 Page - NXP Semiconductors

Back Button FXLS93333 Datasheet HTML 83Page - NXP Semiconductors FXLS93333 Datasheet HTML 84Page - NXP Semiconductors FXLS93333 Datasheet HTML 85Page - NXP Semiconductors FXLS93333 Datasheet HTML 86Page - NXP Semiconductors FXLS93333 Datasheet HTML 87Page - NXP Semiconductors FXLS93333 Datasheet HTML 88Page - NXP Semiconductors FXLS93333 Datasheet HTML 89Page - NXP Semiconductors FXLS93333 Datasheet HTML 90Page - NXP Semiconductors FXLS93333 Datasheet HTML 91Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
ARM_
CFG[2]
ARM_
CFG[1]
ARM_
CFG[0]
PCM
Operating mode
Output type
Reference
0
1
1
x
Moving Average
Mode
Open-Drain, Active Low with
Pull-up Current
Section 11.9.1
1
0
0
x
Count Mode
Open-Drain, Active High with
Pull-down Current
Section 11.9.2
1
0
1
x
Count Mode
Open-Drain, Active Low with
Pull-up Current
Section 11.9.2
1
1
0
x
Unfiltered Mode
Open-Drain, Active High with
Pull-down Current
Section 11.9.3
1
1
1
x
Unfiltered Mode
Open-Drain, Active Low with
Pull-up Current
Section 11.9.3
Table 151. Arming pin configuration bits (ARM_CFG[2:0]) and PCM range selection bit (PCM)...continued
Note: The arming function is reset on a change to the ARM_CFG bits. This includes the
downsampling state and all history registers.
When the PCM output is enabled, a Pulse Code Modulated signal proportional to the
data selected by the DATATYPE0 selection bits is output on the ARM/PCM pin. See
Section 11.8 for more information regarding the PCM output.
11.2.27 Channel 0 and Channel 1 user configuration #5 register (CH0_CFG_U5,
CH1_CFG_U5)
The Channel 0 and Channel 1 user configuration #5 registers are user programmable
read/write registers which contain channel-specific configuration information. These
registers are included in the read/write array error detection.
These registers are readable and writable in DSI3 mode, SPI mode, I2C mode or PSI5
Programming Mode.
Location
Bit
Address
Register
7
6
5
4
3
2
1
0
$44
CH0_CFG_U5
ST_CTRL[3:0]
OC_LIMIT[2:0]
DSP_DIS
$4C
CH1_CFG_U5
ST_CTRL[3:0]
OC_LIMIT[2:0]
DSP_DIS
Unprogrammed OTP Value
0
0
0
0
0
0
0
0
Table 152. Channel 0 and Channel 1 user configuration #5 register (CH0_CFG_U5, CH1_CFG_U5)
11.2.27.1 Self-test control bits (ST_CTRL[3:0])
The self-test control bits select one of the various analog and digital self-test features of
the device as shown in Table 153.
The self-test control bits are writable in DSI3 command and response mode.
The self-test control bits are writable in SPI Mode.
The self-test control bits are writable in I2C Mode.
The self-test control bits are writable in PSI5 programming mode.
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
87 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com