Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXLS8974CF Datasheet(PDF) 14 Page - NXP Semiconductors

Part # FXLS8974CF
Description  3-Axis Low-g Accelerometer
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8974CF Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button FXLS8974CF Datasheet HTML 10Page - NXP Semiconductors FXLS8974CF Datasheet HTML 11Page - NXP Semiconductors FXLS8974CF Datasheet HTML 12Page - NXP Semiconductors FXLS8974CF Datasheet HTML 13Page - NXP Semiconductors FXLS8974CF Datasheet HTML 14Page - NXP Semiconductors FXLS8974CF Datasheet HTML 15Page - NXP Semiconductors FXLS8974CF Datasheet HTML 16Page - NXP Semiconductors FXLS8974CF Datasheet HTML 17Page - NXP Semiconductors FXLS8974CF Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 96 page
background image
NXP Semiconductors
FXLS8974CF
3-Axis Low-g Accelerometer
the data line low so that it remains stable low during the high period of the acknowledge
clock period.
The number of bytes per transfer is unlimited. If a receiver cannot receive another
complete byte of data until it has performed some other function, it can hold the SCL
line low to force the transmitter into a wait state. Data transfer only continues when the
receiver is ready for another byte and releases the clock line. This delay action is called
clock stretching. Not all primary devices support clock stretching. This device implements
clock stretching—the SCL line may be stretched (pulled low) for up to 1 µs when needed
during a read operation. When applied, clock stretching occurs after the ACK issued by
the I2C bus primary.
A LOW-to-HIGH transition on the SDA line while the SCL line is high is defined as a stop
condition (SP) signal. The primary issuing the SP signal always terminates a write or
burst write. A primary should properly terminate a read by not acknowledging a byte at
the appropriate time in the protocol, followed by the SP signal. A primary may also issue
a repeated start signal (SR) during a transfer.
12.1.2 I2C read/write operations
12.1.2.1 Single-byte read
The primary transmits a start condition (ST) to FXLS8974CF, followed by the secondary
address, with the R/W bit set to '0' for a write, and the FXLS8974CF sends an
acknowledgment. Then the primary transmits the address of the register to read and
the FXLS8974CF sends an acknowledgment. The primary transmits a repeated start
condition (SR), followed by the secondary address with the R/W bit set to '1' for a
read from the previously selected register. The FXLS8974CF then acknowledges and
transmits the data from the requested register. The primary does not acknowledge (NAK)
the transmitted data and then transmits a stop condition to end the data transfer.
12.1.2.2 Multiple-byte read
When performing a multi-byte or burst read, FXLS8974CF automatically increments the
register read address pointer after a read command is received. Therefore, after following
the steps of a single-byte read, multiple bytes of data can be read from sequential
register addresses after each FXLS8974CF acknowledgment (ACK) is received. Data
can be read until the primary issues a no acknowledge (NAK), followed by a stop
condition (SP) signaling the end of the transfer.
12.1.2.3 Single-byte write
To start a write command, the primary transmits a start condition (ST) to the
FXLS8974CF, followed by the secondary address with the R/W bit set to '0' for a write,
and the FXLS8974CF sends an acknowledgment. Then the primary transmits the
address of the register to write to, and the FXLS8974CF sends an acknowledgment.
Then the primary transmits the 8-bit data to write to the designated register and the
FXLS8974CF sends an acknowledgment signaling it has received the data. Since this
transmission is complete, the primary transmits a stop condition (SP) to end the data
transfer. The data sent to the FXLS8974CF is now stored in the appropriate register.
12.1.2.4 Multiple-byte write
FXLS8974CF automatically increments the register address write pointer after a write
command is received. Therefore, after following the steps of a single-byte write, multiple
FXLS8974CF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Objective data sheet
Rev. 1 — 27 April 2021
14 / 96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com