Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXLS8974CF Datasheet(PDF) 23 Page - NXP Semiconductors

Part # FXLS8974CF
Description  3-Axis Low-g Accelerometer
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8974CF Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button FXLS8974CF Datasheet HTML 19Page - NXP Semiconductors FXLS8974CF Datasheet HTML 20Page - NXP Semiconductors FXLS8974CF Datasheet HTML 21Page - NXP Semiconductors FXLS8974CF Datasheet HTML 22Page - NXP Semiconductors FXLS8974CF Datasheet HTML 23Page - NXP Semiconductors FXLS8974CF Datasheet HTML 24Page - NXP Semiconductors FXLS8974CF Datasheet HTML 25Page - NXP Semiconductors FXLS8974CF Datasheet HTML 26Page - NXP Semiconductors FXLS8974CF Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 96 page
background image
NXP Semiconductors
FXLS8974CF
3-Axis Low-g Accelerometer
Callout
Current
mode
Next mode
Transition criteria
1
OFF
BOOT
Apply VDD ≥ VDDmin
2
BOOT
Standby
BOOT_MODE = GND:
Wait TBOOT1 ms after applying VDD ≥ VDDmin; FXLS8974CF enters Standby mode
and waits for I2C/SPI commands.
BT_MODE = VDD:
Wait TBOOT2 ms after setting the INT1 / MOT_DET pin high. FXLS8974CF
automatically transitions into WAKE (
SENS_CONFIG1[ACTIVE] bit is
automatically set, see callout 7).
3
Standby
Hibernate
BOOT_MODE = GND:
Set
SENS_CONFIG5[HIBERNATE_EN] = 1; the device may then be woken up
only by toggling the SPI_CS_B / WAKE_UP pin.
BOOT_MODE = VDD:
The host MCU drives the MOT_DET pin low for ≥ TMOT-HIB ms to enter Hibernate
mode. The device remains in Hibernate mode as long as the MOT_DET pin
remains low.[1]
4
Hibernate
BOOT
BT_MODE = GND:
The host MCU must toggle the SPI_CS_B / WAKE_UP pin
BT_MODE = VDD:
FXLS8974CF exits Hibernate mode and begins the BOOT sequence when the
MOT_DET pin is pulled high.
Standby
EXT_TRIG
BT_MODE = GND:
Enable the EXT_TRIG input function by setting
SENS_CONFIG4[INT2_FUNC] =
1.
BT_MODE = VDD:
The EXT_TRIG function is not available when BT_MODE = VDD; this transition is
not possible
5
EXT_TRIG
Standby
BT_MODE = GND:
Disable the EXT_TRIG input function by setting
SENS_CONFIG4[INT2_FUNC] =
0.
BT_MODE = VDD:
The EXT_TRIG function is not available when BT_MODE = VDD; this transition is
not possible
EXT_TRIG
WAKE
BT_MODE = GND:
To initiate an ADC conversion, signal a low to high state transition on the INT2/
EXT_TRIG pin.
BT_MODE = VDD:
The EXT_TRIG function is not available when BT_MODE = VDD; this transition is
not possible
6
WAKE
EXT_TRIG
BT_MODE = GND:
FXLS8974CF automatically returns to the EXT_TRIG state once the previously
triggered measurement has completed.
BT_MODE = VDD:
The EXT_TRIG function is not available when BT_MODE = VDD; this transition is
not possible
Table 16. Operating modes transition criteria
FXLS8974CF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Objective data sheet
Rev. 1 — 27 April 2021
23 / 96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com