Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS6624 Datasheet(PDF) 63 Page - STMicroelectronics

Part # VS6624
Description  1.3 Megapixel Mobile Camera Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6624 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button VS6624 Datasheet HTML 59Page - STMicroelectronics VS6624 Datasheet HTML 60Page - STMicroelectronics VS6624 Datasheet HTML 61Page - STMicroelectronics VS6624 Datasheet HTML 62Page - STMicroelectronics VS6624 Datasheet HTML 63Page - STMicroelectronics VS6624 Datasheet HTML 64Page - STMicroelectronics VS6624 Datasheet HTML 65Page - STMicroelectronics VS6624 Datasheet HTML 66Page - STMicroelectronics VS6624 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 100 page
background image
VS6624
Register map
Rev 1
63/100
0x1182
bMetering
Default value
<0> ExposureMetering_flat
Purpose
Weights to be associated with the zones for calculating the mean
statistics Exposure Weight could Centered, Backlit or Flat
Type
C
possible values
<0> ExposureMetering_flat - Uniform gain associated with all pixels
<1> ExposureMetering_backlit - more gain associated with centre pixels
and bottom pixels
<2> ExposureMetering_centred - more gain associated with centre
pixels
0x1184
bManualExposureTime_Num
Default value
0x01
Purpose
Exposure Time for Compiled Manual Mode in seconds. Num/Den gives
required exposure time
Type
BYTE
0x1186
bManualExposureTime_Den
Default value
0x1e
Type
BYTE
0x1189 (MSByte)
0x118a (LSByte)
fpManualFloatExposureTime
Default value
0x59aa (15008)
Purpose
Exposure Time for the Manual Mode. This value is in uSecs
Type
FLOAT
0x1190
iExposureCompensation
Default value
0x00
Purpose
Exposure Compensation - a user choice for setting the runtime target. A
unit of exposure compensation corresponds to 1/6 EV. Default value
according to the Nominal Target of 30 is 0. Coded Value of Exposure
compensation can take values from -25 to 12.
Type
INT8
0x1195 (MSByte)
0x1196 (LSByte)
uwDirectModeCoarseIntegrationLines
Default value
0x00
Purpose
Coarse Integration Lines to be set for Direct Mode
Type
UINT16
Table 23.
Exposure controls
Index
ExposureControls(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com