Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS6624 Datasheet(PDF) 86 Page - STMicroelectronics

Part # VS6624
Description  1.3 Megapixel Mobile Camera Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6624 Datasheet(HTML) 86 Page - STMicroelectronics

Back Button VS6624 Datasheet HTML 82Page - STMicroelectronics VS6624 Datasheet HTML 83Page - STMicroelectronics VS6624 Datasheet HTML 84Page - STMicroelectronics VS6624 Datasheet HTML 85Page - STMicroelectronics VS6624 Datasheet HTML 86Page - STMicroelectronics VS6624 Datasheet HTML 87Page - STMicroelectronics VS6624 Datasheet HTML 88Page - STMicroelectronics VS6624 Datasheet HTML 89Page - STMicroelectronics VS6624 Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 100 page
background image
Optical specifications
VS6624
86/100
Rev 1
12
Optical specifications
Table 41.
Optical specifications(1)
1.
All measurements made at 23°C ± 2°C
Parameter
Min.
Typ.
Max.
Unit
Optical format
1/5
inch
Effective focal length
mm
Aperture (F number)
3.2
Horizontal field of view
52
deg.
Depth of field
60
infinity
cm
TV distortion
1
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com