Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1968 Datasheet(PDF) 24 Page - Linear Technology

Part # LTC1968
Description  Precision Wide Bandwidth, RMS-to-DC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1968 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC1968 Datasheet HTML 20Page - Linear Technology LTC1968 Datasheet HTML 21Page - Linear Technology LTC1968 Datasheet HTML 22Page - Linear Technology LTC1968 Datasheet HTML 23Page - Linear Technology LTC1968 Datasheet HTML 24Page - Linear Technology LTC1968 Datasheet HTML 25Page - Linear Technology LTC1968 Datasheet HTML 26Page - Linear Technology LTC1968 Datasheet HTML 27Page - Linear Technology LTC1968 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
24
LTC1968
1968f
APPLICATIO S I FOR ATIO
TROUBLESHOOTING GUIDE
Top Ten LTC1968 Application Mistakes
1. Circuit won’t work–Dead On Arrival–no power drawn.
– Probably forgot to enable the LTC1968 by pulling
Pin 8 low.
Solution: Tie Pin 8 to Pin 1.
2. Circuit won’t work, but draws power. Zero or very
little output, single-ended input application.
– Probably didn’t connect both input pins.
Solution: Tie both inputs to something. See “Input
Connections” in the Design Cookbook.
4. Gain is low by a few percent, along with other screwy
results.
– Probably tried to use output in a floating, differential
manner.
Solution: Tie Pin 6 to a low impedance. See “Output
Connections” in the Design Cookbook.
LTC1968
CONNECT PIN 3
IN1
2
3
NC
IN2
1968TS02
LTC1968
IN1
2
3
IN2
1968 TS03
DC-COUPLE ONE INPUT
LTC1968
DC-CONNECT ONE INPUT
IN1
2
3
IN2
3. Screwy results, particularly with respect to linearity
or high crest factors; differential input application.
– Probably AC-coupled both input pins.
Solution: Make at least one input DC-coupled. See
“Input Connections” in the Design Cookbook.
TYPE 7136
ADC
LTC1968
HI
31
30
5
6
LO
VOUT
OUT RTN
1968 TS04
GROUND PIN 6
5. Offsets perceived to be out of specification because 0V
in ≠ 0V out.
– The offsets are not specified at 0V in. No RMS-to-
DC converter works well at 0 due to a divide-by-zero
calculation.
Solution: Measure VIOS/VOOS by extrapolating read-
ings > ±5mVDC.
6. Linearity perceived to be out of specification particu-
larly with small input signals.
– This could again be due to using 0V in as one of the
measurement points.
Solution: Check Linearity from 5mVRMS to
500mVRMS.
– The input offset voltage can cause small AC linear
ityerrors at low input amplitudes as well. See “Error
Analyses” section.
Possible Solution: Include a trim for input offset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com