Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1968 Datasheet(PDF) 25 Page - Linear Technology

Part # LTC1968
Description  Precision Wide Bandwidth, RMS-to-DC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1968 Datasheet(HTML) 25 Page - Linear Technology

Back Button LTC1968 Datasheet HTML 20Page - Linear Technology LTC1968 Datasheet HTML 21Page - Linear Technology LTC1968 Datasheet HTML 22Page - Linear Technology LTC1968 Datasheet HTML 23Page - Linear Technology LTC1968 Datasheet HTML 24Page - Linear Technology LTC1968 Datasheet HTML 25Page - Linear Technology LTC1968 Datasheet HTML 26Page - Linear Technology LTC1968 Datasheet HTML 27Page - Linear Technology LTC1968 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
25
LTC1968
1968f
APPLICATIO S I FOR ATIO
7. Output is noisy with >200kHz inputs.
– This is a fundamental characteristic of this topol-
ogy. The LTC1968 is designed to work very well
with inputs of 100kHz or less. It works okay as high
as 1MHz, but it is limited by aliased ∆Σ noise.
Solution: Bandwidth limit the input or digitally filter
the resulting output.
8. Large errors occur at crest factors approaching, but
less than 4.
– Insufficient averaging.
Solution: Increase CAVE. See “Crest Factor and AC +
DC Waveforms” section for discussion of output
droop.
9. Screwy results, errors > spec limits, typically 1% to 5%.
– High impedance (12.5kΩ) and high accuracy (0.1%)
require clean boards! Flux residue, finger grime, etc.
all wreak havoc at this level.
Solution: Wash the board.
10. Gain is low by ≅1% or more, no other problems.
– Probably due to circuit loading. With a DMM or a
10× scope probe, ZIN = 10MΩ. The LTC1968
output is 12.5kΩ, resulting in – 0.125% gain
error. Output impedance is higher with the DC
accurate post filter.
Solution: Remove the shunt loading or buffer the
output.
– Loading can also be caused by cheap averaging
capacitors.
Solution: Use a high quality metal film capacitor
for CAVE.
LTC1968
KEEP BOARD CLEAN
1968 TS09
200mVRMS IN
–0.125%
DMM
DCV
LTC1968
10M
5
12.5k
6
VOUT
OUT RTN
1968 TS10
LOADING DRAGS DOWN GAIN
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com