Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD69208M Datasheet(PDF) 26 Page - Microchip Technology

Part # PD69208M
Description  PoE PSE Manager
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD69208M Datasheet(HTML) 26 Page - Microchip Technology

Back Button PD69208M Datasheet HTML 22Page - Microchip Technology PD69208M Datasheet HTML 23Page - Microchip Technology PD69208M Datasheet HTML 24Page - Microchip Technology PD69208M Datasheet HTML 25Page - Microchip Technology PD69208M Datasheet HTML 26Page - Microchip Technology PD69208M Datasheet HTML 27Page - Microchip Technology PD69208M Datasheet HTML 28Page - Microchip Technology PD69208M Datasheet HTML 29Page - Microchip Technology PD69208M Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
Figure 5-6. Top-Layer Pin Geometry
0.8048[31.6850]
Paste
Metal
Mask
0.6209[24.4449]
0.0254[1.0000]
0.0356[1.4016]
0.7523[29.6181]
Note: The contract manufacturer has latitude to modify the solder paste stencil for manufacturability reasons. The
solder paste stencil covers 65% to 80% of the thermal pad and should not allow solder to be applied to the thermal
vias under the QFN package using any method they deem appropriate. Any design should be subject to system
validation and qualification prior to commitment to mass production of field deployment. Use a 5 mil stencil.
5.4
Recommended Solder Reflow Information
RoHS 6/6
Pb-free 100% Matte Tin Finish
Package Peak Temperature for Solder Reflow (40 s maximum exposure)—260 °C (0 °C, –5 °C)
PD69208T4/PD69204T4/PD69208M
Package Information
© 2020 Microchip Technology Inc.
Datasheet
DS00003428C-page 26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com