Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD69208M Datasheet(PDF) 31 Page - Microchip Technology

Part # PD69208M
Description  PoE PSE Manager
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD69208M Datasheet(HTML) 31 Page - Microchip Technology

Back Button PD69208M Datasheet HTML 27Page - Microchip Technology PD69208M Datasheet HTML 28Page - Microchip Technology PD69208M Datasheet HTML 29Page - Microchip Technology PD69208M Datasheet HTML 30Page - Microchip Technology PD69208M Datasheet HTML 31Page - Microchip Technology PD69208M Datasheet HTML 32Page - Microchip Technology PD69208M Datasheet HTML 33Page - Microchip Technology PD69208M Datasheet HTML 34Page - Microchip Technology PD69208M Datasheet HTML 35Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
7.
Revision History
Revision
Date
Section
Description
C
11/2020
Power Sequencing
• Updated text.
Ordering Information
• Updated "5 mm x 5 mm" to "8 mm x 8 mm".
B
7/2020
Typical PoE Application
• Updated block diagram.
Recommended PCB
Layout
• Updated all five diagrams.
Main Voltage Monitoring
• Corrected error to align with actual system
performance.
Port Current Monitoring
• Indicated which conditions are for PD69208M or
PD6920xT4.
A
4/2020
This is the initial issue of this document. The
PD69208T4, PD69204T4, and PD69208M PoE PSE
managers were previously described in the following
documents:
• PD69208T4 and PD69210 Datasheet (Revision 3
September 2019 Document Number
PD-000357193)
• PD69204T4 and PD69210 Datasheet (Revision 3
September 2019 Document Number
PD-000359832)
• PD69208M and PD69210 Datasheet (Revision 3
September 2019 Document Number
PD-000359833)
• PD69208T4 and PD69200 Datasheet (Revision 6
September 2019 Document Number
PD-000303603)
• PD69204T4 and PD69200 Datasheet (Revision 6
September 2019 Document Number
PD-000303601)
• PD69208M and PD69200 Datasheet (Revision 6
September 2019 Document Number
PD-000303451)
PD69208T4/PD69204T4/PD69208M
Revision History
© 2020 Microchip Technology Inc.
Datasheet
DS00003428C-page 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com