Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R12 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT46R12
Description  A/D Type 8-Bit OTP MCU
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R12 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT46R12 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46R12 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46R12 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46R12 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46R12 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46R12 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46R12 Datasheet HTML 23Page - Holtek Semiconductor Inc HT46R12 Datasheet HTML 24Page - Holtek Semiconductor Inc HT46R12 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
HT46R12
Rev. 1.00
21
November 1, 2005
channels to select. The bit5~bit3 of the ADCR are used
to set the PB configurations. PB can be an analog input
or as digital I/O line determined by these 3 bits.
PCR2 PCR1 PCR0
3210
0
0
0
PB3
PB2
PB1
PB0
0
0
1
PB3
PB2
PB1
AN0
0
1
0
PB3
PB2
AN1
AN0
0
1
1
PB3
AN2
AN1
AN0
1
x
x
AN3
AN2
AN1
AN0
Port B Configuration
Once a PB line is selected as an analog input, the I/O
functions and pull-high resistor of this I/O line are dis-
abled and the A/D converter circuit is powered on. The
EOCB bit (bit6 of the ADCR) is end of A/D conversion
flag. Check this bit to know when A/D conversion is com-
pleted. The START bit of the ADCR is used to begin the
conversion of the A/D converter. Giving START bit a ris-
ing edge and falling edge means that the A/D conver-
sion has started. In order to ensure that A/D conversion
is completed, the START should remain at
²0² until the
EOCB is cleared to
²0² (end of A/D conversion).
Bit 7 of the ACSR register is used for test purposes only
and must not be used for other purposes by the applica-
tion program. Bit1 and bit0 of the ACSR register are
used to select the A/D clock source.
When the A/D conversion has completed, the A/D inter-
rupt request flag will be set. The EOCB bit is set to
²1²
when the START bit is set from
²0² to ²1².
Important Note for A/D initialization:
Special care must be taken to initialize the A/D con-
verter each time the Port B A/D channel selection bits
are modified, otherwise the EOCB flag may be in an un-
defined condition. An A/D initialization is implemented
by setting the START bit high and then clearing it to zero
within 10 instruction cycles of the Port B channel selec-
tion bits being modified. Note that if the Port B channel
selection bits are all cleared to zero then an A/D initial-
ization is not required.
Bit No.
Label
Function
0
1
ADCS0
ADCS1
Selects the A/D converter clock source
00=system clock/2
01=system clock/8
10=system clock/32
11=undefined
2~6
¾
Unused bit, read as
²0²
7
TEST
For test mode used only
ACSR (27H) Register
Bit No.
Label
Function
0
1
2
ACS0
ACS1
ACS2
ACS2, ACS1, ACS0: Select A/D channel
0, 0, 0: AN0
0, 0, 1: AN1
0, 1, 0: AN2
0, 1, 1: AN3
1, x, x: Undefined, cannot be used
3
4
5
PCR0
PCR1
PCR2
Defines the port B configuration select. If PCR0, PCR1 and PCR2 are all zero, the ADC circuit is
powered off to reduce power consumption
6
EOCB
Indicates end of A/D conversion. (0 = end of A/D conversion)
Each time bits 3~5 change state the A/D should be initialized by issuing a START signal, other-
wise the EOCB flag may have an undefined condition. See
²Important note for A/D initialization².
7
START Starts the A/D conversion. (0
®1®0= start; 0®1= Reset A/D converter and set EOCB to ²1²)
ADCR (26H) Register
Register
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
ADRL (24H)
D0
¾¾¾¾¾¾¾
ADRH (25H)
D8
D7
D6
D5
D4
D3
D2
D1
Note:
D0~D8 is A/D conversion result data bit LSB~MSB.
ADRL (24H), ADRH (25H) Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com