Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R12 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT46R12
Description  A/D Type 8-Bit OTP MCU
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R12 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT46R12 Datasheet HTML 1Page - Holtek Semiconductor Inc HT46R12 Datasheet HTML 2Page - Holtek Semiconductor Inc HT46R12 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R12 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R12 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R12 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R12 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R12 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R12 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
Pin Description
Pin Name
I/O
Options
Description
PA0~PA2
PA3/PFD
PA4/TMR0
PA5, PA6
PA7/TMR1
I/O
Pull-high
Wake-up
PA3 or PFD
Bidirectional 8-bit input/output port. Each bit can be configured as wake-up in-
put by options. Software instructions determine the CMOS output or Schmitt
trigger input with or without pull-high resistor (determined by pull-high options: bit
option). The PA3, PA4 and PA7 are pin-shared with PFD, TMR0 and TMR1 re-
spectively.
PB0/AN0
PB1/AN1
PB2/AN2
PB3/AN3
I/O
Pull-high
Bidirectional 4-bit input/output port. Software instructions determine the
CMOS output, Schmitt trigger input with or without pull-high resistor (deter-
mined by pull-high option: bit option) or A/D input.
Once a PB line is selected as an A/D input (by using software control), the I/O
function and pull-high resistor are disabled automatically.
PC0/C0VIN-
PC1/C0VIN+
PC2/C0OUT
PC3/C1OUT
C1VIN-
C1VIN+
I/O
Pull-high
I/O or
Comparator
Bidirectional 4-bit input/output port. Software instructions determine the
CMOS output, Schmitt trigger input with or without pull-high resistor (deter-
mine by pull-high option: port option).
PC0, PC1 and PC2 are pin-shared with C0VIN-, C0VIN+ and C0OUT respec-
tively. Once the Comparator 0 function is used, the internal registers related to
PC0, PC1 and PC2 cannot be used, and the I/O function and pull-high resistor
are disabled automatically. Software instructions determine the Comparator 0
function to be used.
C1VIN+ and C1VIN- are Comparator 1 input, C1OUT is pin-shared with PC3.
Once the Comparator 1 function is used, the internal registers related to PC3
cannot be used, and the I/O function and pull-high resistor are disabled auto-
matically. Software instructions determine the Comparator 1 function to be
used.
PPG
O
¾
Programmable pulse generator output pin, the pin is floating when the power is
first turned on. The PPG0 output level (active low or active high) can be se-
lected via configuration option.
OSC1
OSC2
I
O
Crystal
or RC
OSC1, OSC2 are connected to an RC network or a Crystal (determined by op-
tions) for the internal system clock. In the case of RC operation, OSC2 is the
output terminal for 1/4 system clock.
RES
I
¾
Schmitt trigger reset input. Active low.
VDD
¾¾
Positive power supply
VSS
¾¾
Negative power supply, ground.
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+6.0V
Storage Temperature ............................
-50°Cto125°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-40°Cto85°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
HT46R12
Rev. 1.00
3
November 1, 2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com