Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24CS512T-I/SN Datasheet(PDF) 39 Page - Microchip Technology

Part # 24CS512T-I/SN
Description  512-Kbit, 3.4MHz I2C Serial EEPROM with 128-Bit Serial Number and Enhanced Software Write Protection
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24CS512T-I/SN Datasheet(HTML) 39 Page - Microchip Technology

Back Button 24CS512T-I/SN Datasheet HTML 35Page - Microchip Technology 24CS512T-I/SN Datasheet HTML 36Page - Microchip Technology 24CS512T-I/SN Datasheet HTML 37Page - Microchip Technology 24CS512T-I/SN Datasheet HTML 38Page - Microchip Technology 24CS512T-I/SN Datasheet HTML 39Page - Microchip Technology 24CS512T-I/SN Datasheet HTML 40Page - Microchip Technology 24CS512T-I/SN Datasheet HTML 41Page - Microchip Technology 24CS512T-I/SN Datasheet HTML 42Page - Microchip Technology 24CS512T-I/SN Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 66 page
background image
 2018-2021 Microchip Technology Inc.
DS20005769C-page 39
24CS512
Part
Number
1st Line Marking Codes
MSOP
PDIP
SOIC
SOIJ
SOT-23
TSSOP
UDFN
CSP
24CS512
4CS512
24CS512
24CS512
24CS512
AAES
AADN
CAN
• 9
8-Lead 4.4 mm TSSOP
Example
AADN
2123
13F
8-Lead 2x3 mm UDFN
Example
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
*
These packages are RoHs compliant. The JEDEC® designator
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
• X
NN
• 9
13
8-Ball CSP
Example
XXX
YWW
NN
CAN
123
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com