Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24CS512T-I/SN Datasheet(PDF) 16 Page - Microchip Technology

Part # 24CS512T-I/SN
Description  512-Kbit, 3.4MHz I2C Serial EEPROM with 128-Bit Serial Number and Enhanced Software Write Protection
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24CS512T-I/SN Datasheet(HTML) 16 Page - Microchip Technology

Back Button 24CS512T-I/SN Datasheet HTML 12Page - Microchip Technology 24CS512T-I/SN Datasheet HTML 13Page - Microchip Technology 24CS512T-I/SN Datasheet HTML 14Page - Microchip Technology 24CS512T-I/SN Datasheet HTML 15Page - Microchip Technology 24CS512T-I/SN Datasheet HTML 16Page - Microchip Technology 24CS512T-I/SN Datasheet HTML 17Page - Microchip Technology 24CS512T-I/SN Datasheet HTML 18Page - Microchip Technology 24CS512T-I/SN Datasheet HTML 19Page - Microchip Technology 24CS512T-I/SN Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 66 page
background image
24CS512
DS20005769C-page 16
 2018-2021 Microchip Technology Inc.
6.2
Page Write
A page write operation allows up to 128 bytes to be
written in the same write cycle, provided all bytes are in
the same physical page of the memory array (where
address bits A15 through A7 are the same). Partial
page writes of less than 128 bytes are also allowed.
A page write is initiated the same way as a byte write,
but the host does not send a Stop condition after the
first data byte is clocked in.
Instead, after the EEPROM acknowledges receipt of
the first data byte, the host can transmit up to
127 additional data bytes. The EEPROM will respond
with an ACK after each data byte is received.
Once all data to be written has been sent to the device,
the host must issue a Stop condition (see Figure 6-2).
Once the Stop condition is received, an internal write
cycle will begin.
If an attempt is made to write to a write-protected por-
tion of the array, no data will be written and the device
will immediately accept a new command.
The lower seven bits of the word address are internally
incremented following the receipt of each data byte.
The higher order address bits are not incremented and
retain the memory page location.
When the incremented word address reaches the page
boundary, the internal Address Pointer will roll over to
the beginning of the same page.
FIGURE 6-2:
PAGE WRITE
Note:
Page write operations are limited to writing
bytes within a single physical page,
regardless of the number of bytes actually
being written. Physical page boundaries
start at addresses that are integer multiples
of the page buffer size (or ‘page size’) and
end at the addresses that are integer
multiples of [page size – 1]. If a page write
operation attempts to write across a physi-
cal page boundary, the result is that the
data wraps around to the beginning of the
current page (overwriting data previously
stored there), instead of being written to the
next page as might be expected. It is there-
fore necessary for the application software
to prevent page write operations that would
attempt to cross a page boundary.
SCL
SDA
MSb
MSb
MSb
MSb
MSb
MSb
1
2
3
4
56
7
8
9
1
2
3
4
56
78
9
ACK
from
Client
10
1
0
A2 A1 A0
00 A15 A14 A13 A12 A11 A10 A9 A8
0
ACK
from
Client
Word Address – Byte 0
Device Address Byte
12
3
4
5
6
7
8
912
3
4
5
6
7
8
91
2
3
4
5
6
7
8
9
ACK
from
Client
Word Address – Byte 1
Data Byte (n)
Data Byte (n+x), Max.
of 128 without Roll Qver
A7 A6 A5 A4 A3 A2 A1 A0
D7 D6 D5 D4 D3 D2 D1 D0
00 D7 D6 D5 D4 D3 D2 D1 D0 0
ACK
from
Client
ACK
from
Client
Stop by
Host
Start by
Host



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com