Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24CM02 Datasheet(PDF) 16 Page - Microchip Technology

Part # AT24CM02
Description  I짼C-Compatible (Two-Wire) Serial EEPROM 2?멝bit (262,144 x 8)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24CM02 Datasheet(HTML) 16 Page - Microchip Technology

Back Button AT24CM02 Datasheet HTML 12Page - Microchip Technology AT24CM02 Datasheet HTML 13Page - Microchip Technology AT24CM02 Datasheet HTML 14Page - Microchip Technology AT24CM02 Datasheet HTML 15Page - Microchip Technology AT24CM02 Datasheet HTML 16Page - Microchip Technology AT24CM02 Datasheet HTML 17Page - Microchip Technology AT24CM02 Datasheet HTML 18Page - Microchip Technology AT24CM02 Datasheet HTML 19Page - Microchip Technology AT24CM02 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
6.
Memory Organization
The AT24CM02 is internally organized as 1,024 pages of 256 bytes each.
6.1
Device Addressing
Accessing the device requires an 8-bit device address byte following a Start condition to enable the device for a read
or write operation. Since multiple client devices can reside on the serial bus, each client device must have its own
unique address so the host can access each device independently.
The Most Significant four bits of the device address byte is referred to as the device type identifier. The device type
identifier ‘1010’ (Ah) is required in bits 7‑4 of the device address byte (see Table 6‑1).
Following the 4-bit device type identifier is the hardware client address bit, A2. This bit can be used to expand the
address space by allowing up to two Serial EEPROM devices on the same bus. The hardware client address bit
must correlate with the voltage level on the corresponding hardwired device address input pin A2. The A2 pin uses
an internal proprietary circuit that automatically biases the pin to a logic ‘0’ state if the pin is allowed to float. In
order to operate in a wide variety of application environments, the pull‑down mechanism is intentionally designed to
be somewhat strong. Once the pin is biased above the CMOS input buffer's trip point (~0.5 x VCC), the pull‑down
mechanism disengages. Microchip recommends connecting the A2 pin to a known state whenever possible.
Following the A2 hardware client address bit are A17 and A16 (bit 2 and bit 1 of the device address byte), which are
the Most Significant bits of the memory array word address (see Table 6‑1).
The eighth bit (bit 0) of the device address byte is the Read/Write Select bit. A read operation is initiated if this bit is
high and a write operation is initiated if this bit is low.
Upon the successful comparison of the device address byte, the AT24CM02 will return an ACK. If a valid comparison
is not made, the device will NACK.
Table 6-1. Device Address Byte
Package
Device Type Identifier
Hardware Client Address Bit
Most Significant Bits
of the Word Address
R/W Select
Bit 7 Bit 6 Bit 5 Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All Packages
1
0
1
0
A2
A17
A16
R/W
For all operations except the current address read, two 8‑bit word address bytes must be transmitted to the device
immediately following the device address byte. The word address bytes contain the lower 16 significant memory
array address bits, and are used to specify which byte location in the EEPROM to start reading or writing. See Table
6-2 and Table 6-3 to review their bit positions.
Table 6-2. First Word Address Byte
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
A15
A14
A13
A12
A11
A10
A9
A8
Table 6-3. Second Word Address Byte
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
A7
A6
A5
A4
A3
A2
A1
A0
AT24CM02
Memory Organization
© 2019-2021 Microchip Technology Inc.
Datasheet
DS20006197C-page 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com