| Electronic Components Datasheet Search |
|
AT24CM02 Datasheet(PDF) 17 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
AT24CM02 Datasheet(HTML) 17 Page - Microchip Technology |
|
17 / 34 page ![]() 7. Write Operations All write operations for the AT24CM02 begin with the host sending a Start condition, followed by a device address byte with the R/W bit set to logic ‘0’, and then by the word address bytes. The data value(s) to be written to the device immediately follow the word address bytes. 7.1 Byte Write The AT24CM02 supports the writing of a single 8-bit byte. Selecting a data word in the AT24CM02 requires 18-bit word address. Upon receipt of the proper device address and the word address bytes, the EEPROM will send an Acknowledge. The device will then be ready to receive the 8-bit data word. Following receipt of the 8‑bit data word, the EEPROM will respond with an ACK. The addressing device, such as a bus host, must then terminate the write operation with a Stop condition. At that time, the EEPROM will enter an internally self-timed write cycle, which will be completed within tWR, while the data word is being programmed into the nonvolatile EEPROM. All inputs are disabled during this write cycle and the EEPROM will not respond until the write is complete. Figure 7-1. Byte Write SCL SDA Start Condition by Host Device Address Byte First Word Address Byte MSb MSb 1 2 3 4 5 6 7 8 9 1 2 3 4 5 6 7 8 9 1 0 1 0 A 2 A 1 A16 0 0 Second Word Address Byte Data Word Stop Condition by Host MSb MSb 1 2 3 4 5 6 7 8 9 1 2 3 4 5 6 7 8 9 D7 D6 D5 D4 D3 D2 D1 D0 0 A14 A13 A12 A11 A10 A9 A8 0 ACK from Client ACK from Client ACK from Client ACK from Client A7 A6 A5 A4 A3 A2 A1 A0 0 A15 7.2 Page Write A page write operation allows up to 256 bytes to be written in the same write cycle, provided all bytes are in the same row of the memory array (where address bits A17 through A8 are the same). Partial page writes of less than 256 bytes are also allowed. A page write is initiated the same way as a byte write, but the bus host does not send a Stop condition after the first data word is clocked in. Instead, after the EEPROM acknowledges receipt of the first data word, the bus host can transmit up to 255 additional data words. The EEPROM will respond with an ACK after each data word is received. Once all data to be written has been sent to the device, the bus host must issue a Stop condition (see Figure 7-2) at which time the internally self-timed write cycle will begin. The lower eight bits of the word address are internally incremented following the receipt of each data word. The higher order address bits are not incremented and retain the memory page row location. Page write operations are limited to writing bytes within a single physical page, regardless of the number of bytes actually being written. When the incremented word address reaches the page boundary, the address counter will rollover to the beginning of the same page. Nevertheless, creating a rollover event should be avoided as previously loaded data in the page could become unintentionally altered. AT24CM02 Write Operations © 2019-2021 Microchip Technology Inc. Datasheet DS20006197C-page 17 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |