Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TR3EX Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # TR3EX
Description  ETHERNET INTERFACE MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

TR3EX Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  TR3EX Datasheet HTML 1Page - M-System Co.,Ltd. TR3EX Datasheet HTML 2Page - M-System Co.,Ltd. TR3EX Datasheet HTML 3Page - M-System Co.,Ltd. TR3EX Datasheet HTML 4Page - M-System Co.,Ltd. TR3EX Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MODEL: TR3EX
http://www.m-system.co.jp/
TR3EX SPECIFICATIONS
ES-8632 Rev.0 Page 3/5
TRANSMISSION DATA DESCRIPTIONS
The DIP SW located at the side of the module specifies each I/O module’s data allocation (occupied data area).
For example, when the data areas are assigned as shown below:
Module 1
4
Module 2
4
Module 3
4
Module 4
1
Module 5
1
Module 6
1
Module 7
1
Then the I/O data are assigned as in the table below:
ADDRESS
POSITION
Input Registers (3X)
1 – 4,
257 – 264
Slot 1
Holding Registers (4X)
5 – 8,
265 – 272
Slot 2
9 – 12,
273 – 280
Slot 3
13,
281 – 282
Slot 4
14,
283 – 284
Slot 5
15,
285 – 286
Slot 6
16,
287 – 288
Slot 7
ADDRESS
POSITION
Coil (0X)
1 – 64
Slot 1
Inputs (1X)
65 – 128
Slot 2
129 – 192
Slot 3
193 – 208
Slot 4
209 – 224
Slot 5
225 – 240
Slot 6
241 – 256
Slot 7
For Coil (0X) and Inputs (1X), addresses 16 times assigned
data areas (Data Allocation Type) are allotted with the Data
Allocation Type ‘1’ and ‘4.’ With ‘8’ and ‘16,’ 64 (4 × 16) are
automatically assigned.
MODULE STATUS, ERROR STATUS, DATA ERROR STATUS
0
15
Module 1
Module 2
Module 3
:
Module 16
Shows each module's availability and error status.
I/O DATA DESCRIPTIONS
The data allocations for typical I/O modules are shown below.
Refer to the manual for each module for detailed data allocations.
■ ANALOG DATA (models: R3-SV4, YV4, DS4, YS4, US4, etc.)
0
15
16-bit binary data.
Basically, 0 to 100% of the selected I/O range is converted into 0 to 10000 (binary). Negative percentage is represented in 2's
complements.
■ TEMPERATURE DATA (models: R3-RS4, TS4, US4, etc.)
0
15
16-bit binary data.
With °C temperature unit, raw data is multiplied by 10. For example, 25.5°C is converted into 255.
With °F temperature unit, the integer section of raw data is directly converted into the data.
For example, 135.4°F is converted into 135.
Minus temperature is converted into negative values, represented in 2’s complements.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com