Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TR3EX Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # TR3EX
Description  ETHERNET INTERFACE MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

TR3EX Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  TR3EX Datasheet HTML 1Page - M-System Co.,Ltd. TR3EX Datasheet HTML 2Page - M-System Co.,Ltd. TR3EX Datasheet HTML 3Page - M-System Co.,Ltd. TR3EX Datasheet HTML 4Page - M-System Co.,Ltd. TR3EX Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: TR3EX
http://www.m-system.co.jp/
TR3EX SPECIFICATIONS
ES-8632 Rev.0 Page 2/5
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EN 50581
EXTERNAL VIEW
SW2
ON
8
7
6
5
4
3
2
1
SW3
ON
4
3
2
1
ON
8
7
6
5
4
3
2
1
SW1
1
2
3
4
5
6
RUN LED
ERR LED
RJ-45 Modular
Jack
Not used
Not used
Configuration
Jack
DIP SW
LINK
DPLX (Duplex)
LINK10 (10Mbps)
LINK100
(100Mbps)
COL (Collision)
■ FRONT VIEW
■ SIDE VIEW
E
D
C
B
E
D
C
B
MODBUS I/O ASSIGNMENT
ADDRESS
DATA TYPE
DATA
Coil (0X)
1 – 1024
Digital Output (discrete output)
Inputs (1X)
1 – 1024
Digital Input (discrete input)
1025 – 1040
Module Status
1041 – 1056
Error Status
1057 – 1072
Data Error Status
Input Registers (3X)
1 – 256
I
Analog Input
257 – 768
F
Analog Input
Holding Registers (4X)
1 – 256
I
Analog Output
257 – 768
F
Analog Output
I: Integer, 0 – 10000 (0 – 100%)
F: Floating (32-bit data cannot be accessed using floating addresses.)
Note: DO NOT access addresses other than mentioned above. Such access may cause problems such as inadequate opera-
tion.
•Module Status indicates whether individual I/O module are mounted or not. The bit corresponding to the mounted slots
turns to “1,” and the unmounted slots to “0.”
•Error Status indicates error status for each module as described below. The bit corresponding to such modules turns to
“1.”
R3-TSx, R3-RSx, R3-US4:
Input burnout
R3-DA16A:
Power input in error or disconnected
R3-YSx:
Output current error (e.g. load unconnected)
•Data Error Status indicates overrange (R3-US4: out of -10% to +110%; the other types: out of -15% to +115%) status for
each module. The bit corresponding to such modules turns to “1.”



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com