Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VOS-E Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # VOS-E
Description  Position Sensors 2-WIRE POSITION TRANSMITTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

VOS-E Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  VOS-E Datasheet HTML 1Page - M-System Co.,Ltd. VOS-E Datasheet HTML 2Page - M-System Co.,Ltd. VOS-E Datasheet HTML 3Page - M-System Co.,Ltd. VOS-E Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MODEL: VOS-E
http://www.m-system.co.jp/
VOS-E SPECIFICATIONS
ES-4763 Rev.9 Page 4/4
■ CLAMP SET
LEVER
16–30(.63–1.18) dia.
(applicable stem dia.)
2–M6
159(6.26)
97(3.82)
9(.35)
40(1.57)
33(1.30)
11(.43)
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
15 – 28V DC
LOAD
–
+
OUTPUT
4 – 20mA DC
Amplifier
Z
S
Direct/
Reverse
Detector
Oscillator
Ferrite
Differential Transformer
22.5°
22.5°
-22.5 – +22.5°
Cam
INPUT
Specifications are subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com