Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VOS-E Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # VOS-E
Description  Position Sensors 2-WIRE POSITION TRANSMITTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

VOS-E Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  VOS-E Datasheet HTML 1Page - M-System Co.,Ltd. VOS-E Datasheet HTML 2Page - M-System Co.,Ltd. VOS-E Datasheet HTML 3Page - M-System Co.,Ltd. VOS-E Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: VOS-E
http://www.m-system.co.jp/
VOS-E SPECIFICATIONS
ES-4763 Rev.9 Page 2/4
10
15
20
25
28
12
0
150
300
450
600
750
SUPPLY VOLTAGE [V]
(600Ω maximum at 24V DC)
INSTALLATION
Supply voltage: 15 – 28 V DC
Operating temperature: -5 to +50°C (23 to 122°F);
-5 to +40°C (23 to 104°F) for use in an explosive
atmosphere
Vibration: ≤ 2 G (19.6 m/s2)
Mounting position: All directions
Weight: Approx. 2.5 kg (5.51 lb)
PERFORMANCE in percentage of angle ±22.5 degrees
Linearity: 1.0 % within the linearity assured range
Hysterisis: 0.3 %
Temp. coefficient: ±0.03 %/°C (±0.02 %/°F)
Dielectric strength: 500 V AC @ 1 minute
(output to metal housing)
STANDARDS & APPROVALS
Safety approval:
TIIS: Flameproof
Ex d IIB T5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com