Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL560-08 Datasheet(PDF) 11 Page - PhaseLink Corporation

Part # PL560-08
Description  Analog Frequency Multiplier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL560-08 Datasheet(HTML) 11 Page - PhaseLink Corporation

Back Button PL560-08 Datasheet HTML 7Page - PhaseLink Corporation PL560-08 Datasheet HTML 8Page - PhaseLink Corporation PL560-08 Datasheet HTML 9Page - PhaseLink Corporation PL560-08 Datasheet HTML 10Page - PhaseLink Corporation PL560-08 Datasheet HTML 11Page - PhaseLink Corporation PL560-08 Datasheet HTML 12Page - PhaseLink Corporation PL560-08 Datasheet HTML 13Page - PhaseLink Corporation PL560-08 Datasheet HTML 14Page - PhaseLink Corporation PL560-08 Datasheet HTML 15Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Analog Frequency Multiplier
VCXO Family of Products
47745 Fremont Blvd., Fremont, CA 94538 TEL (510) 492-0990, FAX (510) 492-0991
www.phaselink.com
Rev.:03-22-05 Page 11
CMOS ELECTRICAL CHARACTERISTICS
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Supply Current, Dynamic, with
Loaded Outputs
IDD
At 100MHz, load=15pF
16
20
mA
Operating Voltage
VDD
2.25
3.63
V
Output High Voltage
VOH
IOH = -8.5mA
2.4
V
Output Low Voltage
VOL
IOL = 8.5mA
0.4
V
Output High Voltage at CMOS
level
VOHC
IOH = -4mA
VDD– 0.4
V
Output drive current
IOSD
VOL = 0.4V, VOH = 2.4V
(per output)
8.5
mA
Output Clock Rise/Fall Time
Tr/Tf
10% ~ 90% VDD with 10 pF
load
1.2
1.6
ns
Output Clock Duty Cycle
Measured @ 50% VDD
45
50
55
%
Short Circuit Current
IS
±50
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com