Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC16MODULE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # 68HC16MODULE
Description  Evaluates Both the 14-Bit MAX194 and the 16-Bit MAX195
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

68HC16MODULE Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button 68HC16MODULE Datasheet HTML 4Page - Maxim Integrated Products 68HC16MODULE Datasheet HTML 5Page - Maxim Integrated Products 68HC16MODULE Datasheet HTML 6Page - Maxim Integrated Products 68HC16MODULE Datasheet HTML 7Page - Maxim Integrated Products 68HC16MODULE Datasheet HTML 8Page - Maxim Integrated Products 68HC16MODULE Datasheet HTML 9Page - Maxim Integrated Products 68HC16MODULE Datasheet HTML 10Page - Maxim Integrated Products 68HC16MODULE Datasheet HTML 11Page - Maxim Integrated Products 68HC16MODULE Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
The MAX194 evaluation board generates its own high-
quality power supplies from a single DC input (8V to
20V), such as a plug-in wall transformer. When the
MAX194 evaluation board is connected to the 68HC16
µC module, the µC module uses the unregulated input
supply to generate its own separate +5V digital supply.
U6 converts the unfiltered input down to +5V to provide
the VDDA analog supply. Current spikes from the digi-
tal supply VDDD are attenuated by R1. Schottky diode
D1 protects the device substrate. U7 inverts the +12V
to -12V, and U3 regulates the -12V to -5V, providing the
VSSA analog supply.
Measuring Supply Current
To measure the supply current drawn by the MAX194,
turn off the power and prepare the board by carefully
cutting the traces at IS1, IS2, IS3, and IS4, and
installing 2-pin headers and shunts (see Table 8).
Each supply may be measured by replacing the corre-
sponding shunt with a current-meter connection. For
example, to measure the current drawn by the +5V dig-
ital supply, replace the shunt at IS4 with a current
meter. The direction of current flow is marked with
arrows on the silkscreen. Do not connect or disconnect
the current meter while the power is on.
After observing supply current in operating and shut-
down modes, the board may be restored by installing
shunts at IS1–IS4.
MAX194 Evaluation System/Evaluation Kit
8
_______________________________________________________________________________________
JUMPER
POWER SUPPLY
DESCRIPTION
IS1
VDDA
Analog +5V
IS2
VSSA
Analog -5V
IS3
VSSD
Digital -5V
IS4
VDDD
Digital +5V
Table 8. Current-Sense Jumpers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com