Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC16MODULE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # 68HC16MODULE
Description  Evaluates Both the 14-Bit MAX194 and the 16-Bit MAX195
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

68HC16MODULE Datasheet(HTML) 1 Page - Maxim Integrated Products

  68HC16MODULE Datasheet HTML 1Page - Maxim Integrated Products 68HC16MODULE Datasheet HTML 2Page - Maxim Integrated Products 68HC16MODULE Datasheet HTML 3Page - Maxim Integrated Products 68HC16MODULE Datasheet HTML 4Page - Maxim Integrated Products 68HC16MODULE Datasheet HTML 5Page - Maxim Integrated Products 68HC16MODULE Datasheet HTML 6Page - Maxim Integrated Products 68HC16MODULE Datasheet HTML 7Page - Maxim Integrated Products 68HC16MODULE Datasheet HTML 8Page - Maxim Integrated Products 68HC16MODULE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
_______________General Description
The MAX194 Evaluation System (MAX194EVC16-DIP)
includes the MAX194 evaluation kit and Maxim’s
68HC16 module. Evaluation software supplied with the
kit demonstrates the use of the MAX194 (or the
MAX195) with Motorola’s high-speed QSPI serial inter-
face. Complete source code is included. The EV sys-
tem requires an IBM PC with a serial port and a 5 1/4"
disk drive.
The stand-alone MAX194 Evaluation Kit (MAX194
EVKIT-DIP) is an assembled and tested PC board that
embodies the standard application circuit. Separate
power, digital, and analog ground planes minimize
noise. Jumpers allow several operating modes. The
board generates its own interface timing signals, or can
be connected to a user-provided serial interface.
____________________________Features
♦ Proven PC Board Layout
♦ Complete Source Code Provided
♦ Shutdown-Mode Evaluation
♦ High-Speed Serial Interface
♦ Convenient Test Points Provided On-Board
♦ Operates from a Single 9V to 15V DC Power
Supply
♦ Evaluates Both the 14-Bit MAX194 and the 16-Bit
MAX195
MAX194 Evaluation System/Evaluation Kit
________________________________________________________________ Maxim Integrated Products
1
PART
TEMP. RANGE
BOARD TYPE
MAX194EVC16-DIP
0°C to +70°C
Through-Hole
______________Ordering Information
___________________________________________________________________EV System
MAX194EVKIT-DIP
0°C to +70°C
Through-Hole
68HC16MODULE
0°C to +70°C
Through-Hole
Note: PC board labeled MAX195 for both MAX194 EV kit and MAX195 EV kit.
68HC16 MODULE
MAX194/MAX195 EV BOARD
19-0349; Rev 1; 3/95
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - 68HC16MODULE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
68HC16MODULE MAXIM-68HC16MODULE Datasheet
183Kb / 8P
68HC16 Module
Rev 0; 12/97
68HC16MODULE-DIP MAXIM-68HC16MODULE-DIP Datasheet
264Kb / 12P
Proven PC Board Layout
Rev 0; 10/02
68HC16MODULE-DIP MAXIM-68HC16MODULE-DIP Datasheet
232Kb / 8P
Fully Assembled and Tested
Rev 1; 12/06
68HC16MODULE-DIP MAXIM-68HC16MODULE-DIP Datasheet
235Kb / 8P
Convenient Test Points Provided On-Board
Rev 1; 12/06
68HC16MODULE-DIP MAXIM-68HC16MODULE-DIP Datasheet
127Kb / 8P
Convenient Test Points Provided On-Board
Rev 0; 3/97
More results

Similar Description - 68HC16MODULE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1666 LINER-LTC1666 Datasheet
890Kb / 24P
12-Bit, 14-Bit, 16-Bit, 50Msps DACs
logo
Analog Devices
AD7849BN AD-AD7849BN Datasheet
180Kb / 15P
Serial Input, 14-Bit/16-Bit DAC
REV. B
logo
Linear Technology
LTC1666 LINER-LTC1666_15 Datasheet
887Kb / 24P
12-Bit, 14-Bit, 16-Bit, 50Msps DACs
LTC1667 LINER-LTC1667_15 Datasheet
887Kb / 24P
12-Bit, 14-Bit, 16-Bit, 50Msps DACs
LTC1668 LINER-LTC1668_15 Datasheet
887Kb / 24P
12-Bit, 14-Bit, 16-Bit, 50Msps DACs
logo
JMK Inc.
HH-2178-4 JMK-HH-2178-4 Datasheet
82Kb / 1P
The filter is available in both the standard model and the high temperature model.
HH-2178-4HT JMK-HH-2178-4HT Datasheet
81Kb / 1P
The filter is available in both the standard model and the high temperature model.
logo
Maxim Integrated Produc...
MAX5868EVKIT MAXIM-MAX5868EVKIT Datasheet
10Mb / 55P
Evaluates the MAX5868 RF DAC Performance, Evaluates the MAX5868 RF DAC Performance,
Rev 0; 10/17
logo
LANSDALE Semiconductor ...
SL8270 LANSDALE-SL8270_08 Datasheet
676Kb / 4P
The 8270 is a 4-bit Shift Register with both serial
logo
Maxim Integrated Produc...
MAX8546EVKIT MAXIM-MAX8546EVKIT Datasheet
479Kb / 6P
Evaluates the MAX8545, MAX8546, and MAX8548
Rev 0a; 8/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com