Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX110 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX110
Description  Convenient Test Points Provided On-Board
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX110 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX110 Datasheet HTML 10Page - Maxim Integrated Products MAX110 Datasheet HTML 11Page - Maxim Integrated Products MAX110 Datasheet HTML 12Page - Maxim Integrated Products MAX110 Datasheet HTML 13Page - Maxim Integrated Products MAX110 Datasheet HTML 14Page - Maxim Integrated Products MAX110 Datasheet HTML 15Page - Maxim Integrated Products MAX110 Datasheet HTML 16Page - Maxim Integrated Products MAX110 Datasheet HTML 17Page - Maxim Integrated Products MAX110 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
The port 3 pins (10–17) provide several unrelated
functions. Pins 10 and 11 are used as the receive data
(RxD) and transmit data (TxD) pins of the RS-232 link.
Pins 16 and 17 act as the write (WR) and read (RD)
control signals for the data I/O cycles. Four other pins
are configured as interrupt and timer controls, but are
not used on this board.
Memory
The board has a 27C64 EPROM containing code for
initializing the 80C32 and downloading additional
program code to the 62256 RAM. After a reset, the
EPROM resident code initializes the 80C32, determines
the address range of the RAM, sets the RS-232 baud
rate to 1200, and waits for communications from the
PC. Receiving any character will prompt the program to
send an initial banner that includes the program name,
revision level, and boundaries of the on-board RAM.
The 62256 CMOS (32kbyte) static RAM is used to hold
program code for the various Maxim EV kits that use
the 80C32 module as the controller. Programs are
transferred from disk to the RAM using software run-
ning on a personal computer, such as MAXLOAD or
other programs provided with Maxim EV kits. Programs
written to execute from this RAM start at 4000 (HEX)
and are typically less than 4kbytes long. The remaining
RAM is available for data storage.
Address Ranges
Logic on the module board generates various enable
signals for different address ranges. The ROM and
RAM enable signals are fed directly to the respective
chips. Several additional signals (CS0–CS3) are
available on the data connector to be used by Maxim
EV kits. Table 11 outlines the address range for each of
the elements found on the 80C32 module.
Data I/O Connector
A 40-pin connector mounted on the edge of the printed
circuit board provides connection between the µC
module and other Maxim EV kits. Both power and digi-
tal signals are transferred via the connector. To join the
module board with an EV kit, carefully align and insert
the pins on the connector with the mating 40-pin
female connector of the kit. The pin functions are listed
in Table 12.
Software Architecture
Software for EV kits using the Maxim 80C32 module is
divided into three elements: the interface program run-
ning on an IBM-compatible PC, a module program
located in EPROM, and a program supplied on disk
that is transferred to the RAM located on the module.
EPROM Resident Program
The EPROM resident program initializes the 80C32,
establishes communications over the RS-232 link, veri-
fies the static RAM, and downloads other programs. Its
operation starts on power-up and whenever the reset
button is pressed. After reset, the program waits indefi-
nitely to receive a character over the RS-232 port. When
the first character is received, a logon banner identifying
the module and firmware revision is transmitted.
MAX110 Evaluation System/Evaluation Kit
14
______________________________________________________________________________________
ADDRESS RANGE (HEX)
ENABLE SIGNAL
0000
➔ 3FFF
ROM
4000
➔ BFFF
RAM
C000
➔ CFFF
CS0
D000
➔ DFFF
CS1
E000
➔ EFFF
CS2
F000
➔ FFFF
CS3
PIN
FUNCTION
DESCRIPTION
1–4
Ground
5, 6
Pre-regulator input
7, 8
Regulated +5V
9
RD
Read strobe
10
WR
Write strobe
11
CS0
Address C000–CFFF
12
CS1
Address D000–DFFF
13
CS2
Address E000–EFFF
14
CS3
Address F000–FFFF
15–18
ADDR0–ADDR3
Lowest 4 bits of address
19–26
DB0–DB7
8-bit data bus
27–34
P1.0–P1.7
8 bits of port 1
35–40
Reserved
Table 11. Address Ranges in Hexadecimal
Table 12. I/O Connector Pin Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com