Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX110 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX110
Description  Convenient Test Points Provided On-Board
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX110 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX110 Datasheet HTML 1Page - Maxim Integrated Products MAX110 Datasheet HTML 2Page - Maxim Integrated Products MAX110 Datasheet HTML 3Page - Maxim Integrated Products MAX110 Datasheet HTML 4Page - Maxim Integrated Products MAX110 Datasheet HTML 5Page - Maxim Integrated Products MAX110 Datasheet HTML 6Page - Maxim Integrated Products MAX110 Datasheet HTML 7Page - Maxim Integrated Products MAX110 Datasheet HTML 8Page - Maxim Integrated Products MAX110 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
bottom half of each bar graph shows a rolling aver-
age of the readings for that channel. The AUTO
NULL switch is highlighted. With AUTO NULL and
GAIN CAL both off, the bar graphs read the real
voltage present at the input terminals of the
MAX110.
10) Apply an input signal between the IN1+ and IN1-
terminals of the MAX110 EV kit. Note that if
jumper JU7 is installed, then IN1- is connected to
ground. Observe the readout on the display screen.
11) To examine the bit patterns of the MAX110’s data
input and output, press “B” to switch to the Bit
Manipulation Panel screen. The data input to the
MAX110 is displayed in the upper left corner, and
the output data is displayed in the lower left corner.
A rolling average display of the data received is
displayed underneath the most recently received
data. Data is displayed in hexadecimal and in bina-
ry. To switch back to the Control Panel, press “C”.
12) Before turning off power to the MAX110 EV kit, exit
the program by pressing ALT+X.
Stand-Alone MAX110 EV Kit
_________________________Quick Start
This section applies only to the use of the MAX110 EV
kit by itself, without the 80C32 µC module.
1) Verify that shunts are installed at the proper loca-
tions. Table 1 shows the standard configuration. As
shipped from the factory, U1 is a MAX110, and the
voltage reference is 2.000V.
2) Connect a regulated +5V DC power supply to the
terminals labeled +5V and GND. The GND pad is
ground, and the +5V pad is the +5V input.
3) Use a voltmeter to verify that at least -4.75V
appears at the -5V pad, and verify that the voltage
reference between VREF+ and VREF- is 2.000V.
4) Connect the interface signals to the DIN, DOUT,
CS, BUSY, and SCK test points. Use the GND test
point as signal ground. See the MAX110 data sheet
for timing information.
5) Apply the input voltage to the input terminals. One
channel is between IN1+ and IN1-, and the other
channel is between IN2+ and IN2-. If shunt J7 is
installed, then IN1- is connected to GND. If shunt J8
is installed, then IN2- is connected to GND. Be sure
to observe the absolute maximum ratings.
____________Evaluating the MAX111
The MAX110 EV kit supports both the MAX110 and the
MAX111 ICs. To evaluate the MAX111 use the following
procedure:
1) While the EV kit is turned off, move J4 to the 2-3
position so that VSS = ground.
2) Replace U1 with a MAX111.
3) Note that the MAX111 uses a 1.25V reference.
Replace resistor R11 with a 2.43k
Ω resistor or
remove jumper J3 and apply an external 1.25V ref-
erence at VREF.
4) Follow the quick-start instructions for the MAX110.
The MAX111 output codes are identical to the MAX110
output codes. The input voltage range is more restricted
on the MAX111 because it is a single-supply device. Refer
to the MAX110/MAX111 data sheet for more information
on the MAX111’s input voltage range and accuracy.
For the MAX111, tie the VSS supply to GND by installing
the J4 shunt between pins 2 and 3. For the MAX110, tie
the VSS supply to -5V by installing the J4 shunt between
pins 1 and 2.
Detailed Description
________________________of Hardware
Jumper Options
Several jumper blocks allow different configurations of
the MAX110. Jumper functions and default settings are
shown in Tables 1 and 2.
Using an External Clock
To drive the MAX110 with an external clock, use the
following procedure:
1) Put a shunt across J5 pins 2-3, leaving pin 1 open.
2) Put a shunt across J1 pins 1-2, leaving pin 3 open.
3) Connect the external oscillator to the EXTCLK pad.
4) Connect the oscillator ground to the GND pin of
header H1.
MAX110 Evaluation System/Evaluation Kit
_______________________________________________________________________________________
3
JUMPER
DEFAULT SETTING
J1
1-2
J2
shorted by trace
J3
shorted by trace
J4
1-2
J5
1-2
J7
closed
J8
closed
J9
shorted by trace
Table 1. Default Jumper Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com