Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P102-05SC Datasheet(PDF) 6 Page - PhaseLink Corporation

Part # P102-05SC
Description  Low Skew Output Buffer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

P102-05SC Datasheet(HTML) 6 Page - PhaseLink Corporation

  P102-05SC Datasheet HTML 1Page - PhaseLink Corporation P102-05SC Datasheet HTML 2Page - PhaseLink Corporation P102-05SC Datasheet HTML 3Page - PhaseLink Corporation P102-05SC Datasheet HTML 4Page - PhaseLink Corporation P102-05SC Datasheet HTML 5Page - PhaseLink Corporation P102-05SC Datasheet HTML 6Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PLL102-05
Low Skew Output Buffer
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/22/05 Page 6
PACKAGE INFORMATION
ORDERING INFORMATION
PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information fur-
nished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said
information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product.
LIFE SUPPORT POLICY: PhaseLink’s products are not authorized for use as critical components in life support devices or systems without the ex-
press written approval of the President of PhaseLink Corporation.
For part ordering, please contact our Sales Department:
47745 Fremont Blvd., Fremont, CA 94538, USA
Tel: (510) 492-0990 Fax: (510) 492-0991
PART NUMBER
The order number for this device is a combination of the following:
Device number, Package type and Operating temperature range
PLL102-05 X X X X
Part / Order Number
Marking
Package Option
Temperature
PLL102-05SC-R
P102-05SC
SOIC - Tape and Reel
0 to +70゚C
PLL102-05SC
P102-05SC
SOIC – Tube
0 to +70゚C
PLL102-05SCL-R
P102-05SCL
SOIC - Tape and Reel
0 to +70゚C
PLL102-05SCL
P102-05SCL
SOIC – Tube
0 to +70゚C
C
L
A
8 PIN Narrow SOIC ( mm )
SOIC
Symbol
Min.
Max.
A
1.55
1.73
A1
0.15
0.18
B
0.35
0.49
C
0.19
0.25
D
4.80
4.98
E
3.81
3.99
H
5.84
6.20
L
0.41
0.89
e
1.27 BSC
E
H
D
A
1
e
B
PART NUMBER
TEMPERATURE
C=COMMERCIAL,
I=INDUSTRIAL
PACKAGE TYPE
S=SOIC
NONE=NORMAL PACKAGE
L=GREEN PACKAGE
NONE= TUBE
R=TAPE AND REEL



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com