Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P102-05SC Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # P102-05SC
Description  Low Skew Output Buffer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

P102-05SC Datasheet(HTML) 1 Page - PhaseLink Corporation

  P102-05SC Datasheet HTML 1Page - PhaseLink Corporation P102-05SC Datasheet HTML 2Page - PhaseLink Corporation P102-05SC Datasheet HTML 3Page - PhaseLink Corporation P102-05SC Datasheet HTML 4Page - PhaseLink Corporation P102-05SC Datasheet HTML 5Page - PhaseLink Corporation P102-05SC Datasheet HTML 6Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PLL102-05
Low Skew Output Buffer
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/22/05 Page 1
FEATURES
• Frequency range 25 ~ 60MHz.
• Internal phase locked loop will allow spread spec-
trum modulation on reference clock to pass to the
outputs (up to 100kHz SST modulation).
• Zero input - output delay.
• Less than 700 ps device - device skew.
• Less than 250 ps skew between outputs.
• Less than 150 ps cycle - cycle jitter.
• Output Enable function tri-state outputs.
• 3.3V operation.
• Available in 8-Pin 150mil SOIC.
DESCRIPTION
The PLL102-05 is a high performance, low skew, low
jitter zero delay buffer designed to distribute high
speed clocks and is available in 8-pin SOIC package. It
has four outputs that are synchronized with the input.
The synchronization is established via CLKOUT feed
back to the input of the PLL. Since the skew between
the input and output is less than
±350 ps, the device
acts as a zero delay buffer.
PIN CONFIGURATION
Remark
If REF clock is stopped for more than 10us after it has already been
provided to the chip, and after power-up, the output clocks will
disappear. In that instance, a full power-up reset is required in order
to reactivate the output clocks.
BLOCK DIAGRAM
1
2
3
4
REF
5
6
7
8
CLK2
CLK1
GND
CLKOUT
CLK4
VDD
CLK3
PLL
REF
CLKOUT
CLK1
CLK2
CLK3
CLK4


Similar Part No. - P102-05SC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
P102-03SC PLL-P102-03SC Datasheet
206Kb / 6P
Low Skew Output Buffer
P102-03SCL PLL-P102-03SCL Datasheet
206Kb / 6P
Low Skew Output Buffer
P102-04SC PLL-P102-04SC Datasheet
236Kb / 6P
Low Skew Output Buffer
P102-04SCL PLL-P102-04SCL Datasheet
236Kb / 6P
Low Skew Output Buffer
More results

Similar Description - P102-05SC

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9112-06 ICST-ICS9112-06 Datasheet
210Kb / 8P
Low Skew Output Buffer
Rev H 1/22/99
logo
PhaseLink Corporation
PLL102-03 PLL-PLL102-03 Datasheet
206Kb / 6P
Low Skew Output Buffer
PLL102-04 PLL-PLL102-04 Datasheet
236Kb / 6P
Low Skew Output Buffer
PLL102-15 PLL-PLL102-15 Datasheet
109Kb / 8P
Low Skew Output Buffer
logo
Abracon Corporation
ABB0204 ABRACON-ABB0204 Datasheet
52Kb / 6P
Low Skew Output Buffer
03/21/05
ABB0205 ABRACON-ABB0205 Datasheet
52Kb / 6P
Low Skew Output Buffer
03/21/05
logo
Integrated Circuit Syst...
ICS9112A-16 ICST-ICS9112A-16 Datasheet
97Kb / 8P
Low Skew Output Buffer
logo
Integrated Device Techn...
AV9172 IDT-AV9172 Datasheet
401Kb / 8P
Low Skew Output Buffer
logo
Abracon Corporation
ABB0210 ABRACON-ABB0210 Datasheet
57Kb / 6P
Low Skew Output Buffer
logo
Renesas Technology Corp
ICS9176C-03 RENESAS-ICS9176C-03 Datasheet
544Kb / 9P
Low Skew Output Buffer
2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com