Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DF081A Datasheet(PDF) 7 Page - Dialog Semiconductor

Part # AT25DF081A
Description  8-Mbit 2.7V Minimum SPI Serial Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25DF081A Datasheet(HTML) 7 Page - Dialog Semiconductor

Back Button AT25DF081A Datasheet HTML 3Page - Dialog Semiconductor AT25DF081A Datasheet HTML 4Page - Dialog Semiconductor AT25DF081A Datasheet HTML 5Page - Dialog Semiconductor AT25DF081A Datasheet HTML 6Page - Dialog Semiconductor AT25DF081A Datasheet HTML 7Page - Dialog Semiconductor AT25DF081A Datasheet HTML 8Page - Dialog Semiconductor AT25DF081A Datasheet HTML 9Page - Dialog Semiconductor AT25DF081A Datasheet HTML 10Page - Dialog Semiconductor AT25DF081A Datasheet HTML 11Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
6
8715E–SFLSH–11/2017
AT25DF081A
5.
Device Operation
The AT25DF081A is controlled by a set of instructions that are sent from a host controller, commonly referred to as
the SPI Master. The SPI Master communicates with the AT25DF081A via the SPI bus which is comprised of four
signal lines: Chip Select (CS), Serial Clock (SCK), Serial Input (SI), and Serial Output (SO).
The AT25DF081A features a dual-input program mode in which the SO pin becomes an input. Similarly, the device
also features a dual-output read mode in which the SI pin becomes an output. In the Dual-Input Byte/Page Pro-
gram command description, the SO pin will be referred to as the SOI (Serial Output/Input) pin, and in the Dual-
Output Read Array command, the SI pin will be referenced as the SIO (Serial Input/Output) pin.
The SPI protocol defines a total of four modes of operation (mode 0, 1, 2, or 3) with each mode differing in respect
to the SCK polarity and phase and how the polarity and phase control the flow of data on the SPI bus. The
AT25DF081A supports the two most common modes, SPI Modes 0 and 3. The only difference between SPI Modes
0 and 3 is the polarity of the SCK signal when in the inactive state (when the SPI Master is in standby mode and
not transferring any data). With SPI Modes 0 and 3, data is always latched in on the rising edge of SCK and
always output on the falling edge of SCK.
Figure 5-1.
SPI Mode 0 and 3
6.
Commands and Addressing
A valid instruction or operation must always be started by first asserting the CS pin. After the CS pin has been
asserted, the host controller must then clock out a valid 8-bit opcode on the SPI bus. Following the opcode, instruc-
tion dependent information such as address and data bytes would then be clocked out by the host controller. All
opcode, address, and data bytes are transferred with the most-significant bit (MSB) first. An operation is ended by
deasserting the CS pin.
Opcodes not supported by the AT25DF081A will be ignored by the device and no operation will be started. The
device will continue to ignore any data presented on the SI pin until the start of the next operation (CS pin being
deasserted and then reasserted). In addition, if the CS pin is deasserted before complete opcode and address
information is sent to the device, then no operation will be performed and the device will simply return to the idle
state and wait for the next operation.
Addressing of the device requires a total of three bytes of information to be sent, representing address bits A23-A0.
Since the upper address limit of the AT25DF081A memory array is 0FFFFFh, address bits A23-A20 are always
ignored by the device.
SCK
CS
SI
SO
MSB
LSB
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com