Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DF081A Datasheet(PDF) 28 Page - Dialog Semiconductor

Part # AT25DF081A
Description  8-Mbit 2.7V Minimum SPI Serial Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25DF081A Datasheet(HTML) 28 Page - Dialog Semiconductor

Back Button AT25DF081A Datasheet HTML 24Page - Dialog Semiconductor AT25DF081A Datasheet HTML 25Page - Dialog Semiconductor AT25DF081A Datasheet HTML 26Page - Dialog Semiconductor AT25DF081A Datasheet HTML 27Page - Dialog Semiconductor AT25DF081A Datasheet HTML 28Page - Dialog Semiconductor AT25DF081A Datasheet HTML 29Page - Dialog Semiconductor AT25DF081A Datasheet HTML 30Page - Dialog Semiconductor AT25DF081A Datasheet HTML 31Page - Dialog Semiconductor AT25DF081A Datasheet HTML 32Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 54 page
background image
27
8715E–SFLSH–11/2017
AT25DF081A
10.3 Read Sector Lockdown Registers
The Sector Lockdown Registers can be read to determine the current lockdown status of each physical 64-Kbyte
sector. To read the Sector Lockdown Register for a particular 64-Kbyte sector, the CS pin must first be asserted
and the opcode of 35h must be clocked in. Once the opcode has been clocked in, three address bytes designating
any address within the 64-Kbyte sector must be clocked in. After the address bytes have been clocked in, data will
be output on the SO pin during every subsequent clock cycle. The data being output will be a repeating byte of
either FFh or 00h to denote the value of the appropriate Sector Lockdown Register.
At clock frequencies above fCLK, the first byte of data output will not be valid. Therefore, if operating at clock fre-
quencies above fCLK, at least two bytes of data must be clocked out from the device in order to determine the
correct status of the appropriate Sector Lockdown Register.
Deasserting the CS pin will terminate the read operation and put the SO pin into a high-impedance state. The CS
pin can be deasserted at any time and does not require that a full byte of data be read.
Figure 10-3. Read Sector Lockdown Register
Table 10-2.
Read Sector Lockdown Register – Output Data
Output Data
Sector Lockdown Register Value
00h
Sector Lockdown Register value is 0 (sector is not locked down)
FFh
Sector Lockdown Register value is 1 (sector is permanently locked down)
SCK
CS
SI
SO
MSB
MSB
23
1
0
00110101
67
5
410 11
9
812
39
42 43
41
40
37 38
33
36
35
34
31 32
29 30
44
47 48
46
45
OPCODE
AAAA
AAA
A
A
MSB
XXXXXXX
X
MSB
MSB
DDDDDDD
D
D
D
ADDRESS BITS A23-A0
DON'T CARE
DATA BYTE
HIGH-IMPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com