Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25QF641 Datasheet(PDF) 13 Page - Dialog Semiconductor

Part # AT25QF641
Description  64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QF641 Datasheet(HTML) 13 Page - Dialog Semiconductor

Back Button AT25QF641 Datasheet HTML 9Page - Dialog Semiconductor AT25QF641 Datasheet HTML 10Page - Dialog Semiconductor AT25QF641 Datasheet HTML 11Page - Dialog Semiconductor AT25QF641 Datasheet HTML 12Page - Dialog Semiconductor AT25QF641 Datasheet HTML 13Page - Dialog Semiconductor AT25QF641 Datasheet HTML 14Page - Dialog Semiconductor AT25QF641 Datasheet HTML 15Page - Dialog Semiconductor AT25QF641 Datasheet HTML 16Page - Dialog Semiconductor AT25QF641 Datasheet HTML 17Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 74 page
background image
13
AT25QF641
DS-25QF641–127E–3/2018
7.
Instructions
The SPI instruction set of the AT25QF641 consists of thirty eight basic instructions and the QPI instruction set of the
AT25QF641 consists of thirty one basic instructions that are fully controlled through the SPI bus (see Instruction Set
table). Instructions are initiated with the falling edge of Chip Select (CS). The first byte of data clocked into the input
pins (SI or IO [3:0]) provides the instruction code. Data on the SI input is sampled on the rising edge of clock with
most significant bit (MSB) first.
Instructions are completed with the rising edge of edge CS. Clock relative timing diagrams for each instruction are
included in figures 8-1 through 8-66 All read instructions can be completed after any clocked bit. However, all instructions
that Write, Program or Erase must complete on a byte (CS driven high after a full 8-bit have been clocked) otherwise the
instruction will be terminated. This feature further protects the device from inadvertent writes. Additionally, while the
memory is being programmed or erased, or when the Status Register is being written, all instructions except for Read
Register will be ignored until the program or erase cycle has completed.
7.1
Instruction Set Tables
Table 7-1.
Manufacturer and Device Identification
ID Type
Name
ID Code
Instruction(s)
Manufacturer ID
Adesto
1Fh
90h, 92h, 94h, 9Fh
Device ID
AT25QF641
16h
90h, 92h, 94h, ABh
Memory Type ID
SPI / QPI
32h
9Fh
Capacity Type ID
64M
17h
9Fh
Table 7-2.
Instruction Set Table 1 (SPI instruction)(1)
Instruction Name
Byte 1
Byte 2
Byte 3
Byte 4
Byte 5
Byte 6
(Clock Number)
(0 – 7)
(8 - 15)
(16 - 23)
(24 - 31)
(32 - 39)
(40 - 47)
Write Enable
06h
Write Enable
50h
Write Disable
04h
Read Status Register 1
05h
(SR7-SR0)
(2)
Read Status Register 2
35h
(SR15-SR8)
(2)
Write Status Register 1
01h
(SR7-SR0)
(SR15-SR8)
Write Status Register 2
31h
(SR15-SR8)
Read Data
03h
A23-A16
A15-A8
A7-A0
(D7-D0)
Fast Read Data
0Bh
A23-A16
A15-A8
A7-A0
dummy
(D7-D0)
Page Program
02h
A23-A16
A15-A8
A7-A0
(D7-D0)
(3)
Enable QPI
38h
Block Erase (4KB)
20h
A23-A16
A15-A8
A7-A0
Block Erase (32KB)
52h
A23-A16
A15-A8
A7-A0
Block Erase(64KB)
D8h
A23-A16
A15-A8
A7-A0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com