Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25QF641 Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # AT25QF641
Description  64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QF641 Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button AT25QF641 Datasheet HTML 17Page - Dialog Semiconductor AT25QF641 Datasheet HTML 18Page - Dialog Semiconductor AT25QF641 Datasheet HTML 19Page - Dialog Semiconductor AT25QF641 Datasheet HTML 20Page - Dialog Semiconductor AT25QF641 Datasheet HTML 21Page - Dialog Semiconductor AT25QF641 Datasheet HTML 22Page - Dialog Semiconductor AT25QF641 Datasheet HTML 23Page - Dialog Semiconductor AT25QF641 Datasheet HTML 24Page - Dialog Semiconductor AT25QF641 Datasheet HTML 25Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 74 page
background image
21
AT25QF641
DS-25QF641–127E–3/2018
Figure 7-8.
Write Status Register-2 Instruction (SPI Mode)
Figure 7-9.
Write Status Register-2 Instruction (QPI Mode)
7.8
Read Data (03h)
The Read Data instruction is to read data out from the device. The instruction is initiated by driving the CS pin low and then
sending the instruction code “03h” with following a 24-bit address (A23- A0) into the SI pin. After the address is received, the
data byte of the addressed memory location will be shifted out on the SO pin at the falling edge of SCK with most significant bit
(MSB) first. The address is automatically incremented to the next higher address after byte of data is shifted out allowing for a
continuous stream of data. This means that the entire memory can be accessed with a single instruction as long as the clock
continues. The instruction is completed by driving CS high. The Read Data instruction sequence is shown in Figure 7-10. If a
Read Data instruction is issued while an Erase, Program or Write Status Register cycle is in process (BUSY = 1) the instruction
is ignored and will not have any effects on the current cycle. The Read Data instruction allows clock rates from D.C to a
maximum of
f
R (see Section , ).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com