Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25QL128A Datasheet(PDF) 64 Page - Dialog Semiconductor

Part # AT25QL128A
Description  1.7 V Minimum, 128-Mbit SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL128A Datasheet(HTML) 64 Page - Dialog Semiconductor

Back Button AT25QL128A Datasheet HTML 60Page - Dialog Semiconductor AT25QL128A Datasheet HTML 61Page - Dialog Semiconductor AT25QL128A Datasheet HTML 62Page - Dialog Semiconductor AT25QL128A Datasheet HTML 63Page - Dialog Semiconductor AT25QL128A Datasheet HTML 64Page - Dialog Semiconductor AT25QL128A Datasheet HTML 65Page - Dialog Semiconductor AT25QL128A Datasheet HTML 66Page - Dialog Semiconductor AT25QL128A Datasheet HTML 67Page - Dialog Semiconductor AT25QL128A Datasheet HTML 68Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 84 page
background image
63
AT25QL128A
DS-AT25QL128A–129E–01-2021
Erase Maximum/Typical
Ratio
Maximum = 2 * (COUNT + 1) *
Typical
54h
55h
56h
57h
03:00
0011
33h
62h
D5h
00h
Erase type-1 Typical time
Count or 00h
08:04
0 0011
Erase type-1 Typical units
00b: 1ms
01b: 16ms
10b: 128ms
11b: 1s
10:09
01
Erase type-2 Typical time
Count or 00h
15:11
0110 0
Erase type-2 Typical units
00b: 1ms
01b: 16ms
10b: 128ms
11b: 1s
17:16
01
Erase type-3 Typical time
Count or 00h
22:18
101 01
Erase type-3 Typical units
00b: 1ms
01b: 16ms
10b: 128ms
11b: 1s
24:23
01
Erase type-4 Typical time
Count or 00h
29:25
00 000
Erase type-4 Typical units
00b: 1ms
01b: 16ms
10b: 128ms
11b: 1s
31:30
00
Program Maximum/Typical
Ratio
Maximum = 2 * (COUNT + 1) *
Typical
58h
03:00
0100
84h
Page Size
2^N bytes
07:04
1000
Program Page Typical time
Count or 00h
59h
5Ah
5Bh
12:08
0 1001
29h
01h
CEh
Program Page Typical units
0: 8
μs, 1: 64μs
13
1
Program Byte Typical time,
1st byte
Count or 00h
17:14
01 00
Program Byte Typical units,
1st byte
0: 1
μs, 1: 8μs
18
0
Program Additional Byte
Typical time
Count or 00h
22:19
000 0
Program Additional Byte
Typical units
0: 1
μs, 1: 8μs
23
0
Erase Chip Typical time
Count or 00h
28:24
0 1110
Erase Chip Typical units
00b: 16ms
01b: 256ms
10b: 4s
11b: 64s
30:29
10
Reserved
1h
31
1
Table 8-10. SFDP Parameters Table 1 (Continued)
Description
Comment
Address
Byte
Bits
Data
(binary)
Data (hex)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com