Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25QL128A Datasheet(PDF) 28 Page - Dialog Semiconductor

Part # AT25QL128A
Description  1.7 V Minimum, 128-Mbit SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL128A Datasheet(HTML) 28 Page - Dialog Semiconductor

Back Button AT25QL128A Datasheet HTML 24Page - Dialog Semiconductor AT25QL128A Datasheet HTML 25Page - Dialog Semiconductor AT25QL128A Datasheet HTML 26Page - Dialog Semiconductor AT25QL128A Datasheet HTML 27Page - Dialog Semiconductor AT25QL128A Datasheet HTML 28Page - Dialog Semiconductor AT25QL128A Datasheet HTML 29Page - Dialog Semiconductor AT25QL128A Datasheet HTML 30Page - Dialog Semiconductor AT25QL128A Datasheet HTML 31Page - Dialog Semiconductor AT25QL128A Datasheet HTML 32Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 84 page
background image
27
AT25QL128A
DS-AT25QL128A–129E–01-2021
8.10 Fast Read in QPI Mode
When QPI mode is enabled, the number of dummy clock is configured by the Set Read Parameters (C0h)
instruction to accommodate wide range applications with different needs for either maximum Fast Read frequency
or minimum data access latency. Depending on the Read Parameter Bit P[4] and P[5] setting, the number of
dummy clocks can be configured as either 4, or 6 or 8. The default number of dummy clocks upon power up or
after a Reset instruction is four. (See Figure 8-11, Figure 8-12, and Figure 8-13).
Figure 8-12. Fast Read instruction (QPI Mode, 80MHz)
Figure 8-13. Fast Read instruction (QPI Mode, 104MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com