Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC2302 Datasheet(PDF) 38 Page - Microchip Technology

Part # EMC2302
Description  Single/Multiple RPM-Based PWM Fan Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2302 Datasheet(HTML) 38 Page - Microchip Technology

Back Button EMC2302 Datasheet HTML 34Page - Microchip Technology EMC2302 Datasheet HTML 35Page - Microchip Technology EMC2302 Datasheet HTML 36Page - Microchip Technology EMC2302 Datasheet HTML 37Page - Microchip Technology EMC2302 Datasheet HTML 38Page - Microchip Technology EMC2302 Datasheet HTML 39Page - Microchip Technology EMC2302 Datasheet HTML 40Page - Microchip Technology EMC2302 Datasheet HTML 41Page - Microchip Technology EMC2302 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 70 page
background image
EMC2301/2/3/5
DS20006532A-page 38
 2021 Microchip Technology Inc.
6.13
PWM Divide Registers
The PWM Divide registers determine the final fre-
quency of the respective PWM Fan Driver. Each driver
base frequency is divided by the value of the respective
PWM Divide Register to determine the final frequency.
The duty cycle settings are not affected by these set-
tings, only the final frequency of the PWM driver. A
value of 00h will be decoded as 01h. The contents of
the register represent the weighting of each bit in deter-
mining the final output voltage.
6.14
Fan Configuration Registers
The Fan Configuration registers control the general
operation of the RPM-based Fan Speed Control algo-
rithm used for the respective Fan Driver (see
Section 4.3 “RPM-Based Fan Speed Control Algo-
rithm”).
REGISTER 6-12:
PWM X DIVIDE - PWMX FREQUENCY DIVIDE REGISTER
(ADDRESSES 31H, 41H, 51H, 61H, 71H)
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
PWMxD[7:0]
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
PWMxD]7:0]: PWM Frequency Divide value, where “x” represents PWM1 through 5 based on device
features.
REGISTER 6-13:
FAN CONFIG - FAN CONFIGURATION REGISTERS
(ADDRESSES 32H, 42H, 52H, 62H, 72H)
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
ENAGx
RNGx[1:0]
EDGx[1:0]
UDTx[2:0]
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
ENAGx: Enable Closed Loop algorithm, where “x” is 1 to 5, depending on device features
1 = Closed Loop algorithm “x” is enabled. Changes to Fan Setting register are ignored.
0 = Closed Loop algorithm “x” is disabled, and device is placed in Direct Setting mode (see
Section 4.1 “Fan Control Modes of Operation”). Changes to the Fan Setting register will
change the PWM Duty Cycle.
bit 6-5
RNGx[1:0]: Range. Sets the minimum fan speed measured and reported, where “x” is 1 to 5,
depending on device features.
11 = 4000 RPM minimum, TACH count multiplier = 8.
10 = 2000 RPM minimum, TACH count multiplier = 4.
01 = 1000 RPM minimum, TACH count multiplier = 2.
00 = 500 RPM minimum, TACH count multiplier = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com