Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL520-20 Datasheet(PDF) 3 Page - PhaseLink Corporation

Part # PLL520-20
Description  Low Phase Noise VCXO (for 100-200MHz Fundamental Crystals)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL520-20 Datasheet(HTML) 3 Page - PhaseLink Corporation

  PLL520-20 Datasheet HTML 1Page - PhaseLink Corporation PLL520-20 Datasheet HTML 2Page - PhaseLink Corporation PLL520-20 Datasheet HTML 3Page - PhaseLink Corporation PLL520-20 Datasheet HTML 4Page - PhaseLink Corporation PLL520-20 Datasheet HTML 5Page - PhaseLink Corporation PLL520-20 Datasheet HTML 6Page - PhaseLink Corporation PLL520-20 Datasheet HTML 7Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Preliminary
PLL520-20
Low Phase Noise VCXO (for 100-200MHz Fundamental Crystals)
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991 www.phaselink.com Rev 03/03/05 Page 3
4. General Electrical Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Supply Current (Loaded Outputs)
IDD
PECL/LVDS
100/80/40
mA
Operating Voltage
VDD
3.13
3.47
V
Output Clock Duty Cycle
@ 1.25V (LVDS)
@ Vdd – 1.3V (PECL)
45
45
50
50
55
55
%
Short Circuit Current
±50
mA
5. Jitter specifications
PARAMETERS
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Period jitter RMS at 155MHz
2.5
Period jitter peak-to-peak at 155MHz
At 155.52MHz, with capacitive
decoupling between VDD and GND.
Over 10,000 cycles
18.5
20
ps
Accumulated jitter RMS at 155MHz
2.5
Accumulated jitter peak-to-peak at 155MHz
At 155.52MHz, with capacitive
decoupling between VDD and GND.
Over 1,000,000 cycles.
24
27
ps
Random Jitter
“RJ” measured on Wavecrest SIA 3000
2.5
ps
Integrated jitter RMS at 155MHz
Integrated 12 kHz to 20 MHz
0.3
0.4
ps
Measured on Wavecrest SIA 3000
6. Phase noise specifications
PARAMETERS
FREQUENCY
@10Hz
@100Hz
@1kHz
@10kHz
@100kHz
UNITS
Phase Noise
relative to carrier
155.52MHz
-75
-95
-125
-140
-145
dBc/Hz
Note: Phase Noise measured at VCON = 0V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com